Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2970 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2970
Description  Dual I2C Power Supply Monitor and Margining Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2970_15 Datasheet HTML 3Page - Linear Technology LTC2970_15 Datasheet HTML 4Page - Linear Technology LTC2970_15 Datasheet HTML 5Page - Linear Technology LTC2970_15 Datasheet HTML 6Page - Linear Technology LTC2970_15 Datasheet HTML 7Page - Linear Technology LTC2970_15 Datasheet HTML 8Page - Linear Technology LTC2970_15 Datasheet HTML 9Page - Linear Technology LTC2970_15 Datasheet HTML 10Page - Linear Technology LTC2970_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC2970/LTC2970-1
7
29701fd
For more information www.linear.com/LTC2970
Typical perForMance characTerisTics
ADC Zero Code Center Offset
Voltage vs Temperature
ADC Rejection vs Frequency
at VIN
ADC Rejection vs Frequency
at VIN
ADC Noise Histogram
Voltage Buffered IDAC INL
Voltage Buffered IDAC DNL
ADC Total Unadjusted Error
vs Temperature
ADC INL
ADC DNL
OUTPUT CODE (LSBs)
–2
100,000
1,000,000
10,000,000
1
29701 G07
10,000
1000
–1
0
2
100
10
1
VIN = 0V
DAC CODE
0
0
0.25
200
29701 G08
–0.25
–0.50
50
100
150
250
0.50
CHANNELS 0 AND 1 SHOWN
RIOUT0 = RIOUT1 = 10k
DAC CODE
0
0
0.25
200
29701 G09
–0.25
–0.50
50
100
150
250
0.50
CHANNELS 0 AND 1 SHOWN
RIOUT0 = RIOUT1 = 10k
TEMPERATURE (°C)
–50
–0.175
–0.150
–0.100
–0.075
–0.050
50
0.050
29701 G01
–0.125
0
–25
75
25
100
–0.025
0
0.025
BASED ON AVERAGE OF 15 PARTS
ASSEMBLED ON 1/8" THICK PCB
1V
1.8V
2.5V
3.3V
ADC VIN = 5V
INPUT VOLTAGE (V)
0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
3
5
29701 G02
1
2
4
6
INPUT VOLTAGE (V)
0
–0.25
0
0.25
3
5
29701 G03
–0.50
–0.75
–1.00
1
2
4
0.50
0.75
1.00
6
TEMPERATURE (°C)
–50
–335
–330
–325
–320
–315
–305
–25
0
25
50
29701 G04
75
100
–310
FREQUENCY AT VIN (Hz)
1
–100
–90
–70
–60
–50
0
–30
10
100
29701 G05
–80
–20
–10
–40
1000
10000
FREQUENCY AT VIN (Hz)
0
–100
–80
–60
–40
5000 10000 15000 20000
29701 G06
25000
–20
0
–90
–70
–50
–30
–10
30000


Similar Part No. - LTC2970_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970-1 LINER-LTC2970-1 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970-1 LINER-LTC2970-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
More results

Similar Description - LTC2970_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com