Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906WT1 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # MMBT3906WT1
Description  General Purpose Transistors(NPN and PNP Silicon)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT3906WT1 Datasheet(HTML) 7 Page - Leshan Radio Company

  MMBT3906WT1 Datasheet HTML 1Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 2Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 3Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 4Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 5Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 6Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 7Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 8Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
K3–7/9
MMBT3906WT1
V
CC = 40 V
I
B1 = I B2
Figure 19. Delay and Rise Time
Equivalent Test Circuit
Figure 20. Storage and Fall Time
Equivalent Test Circuit
1N916
C
S < 4 pF*
C
S < 4 pF*
< 1 ns
+10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t
1
3 V
275
10 k
3 V
275
10 k
0
10 < t 1 < 500
µs
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
C
ibo
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
I
C , COLLECTOR CURRENT (mA)
Figure 24. Fall Time
I
C , COLLECTOR CURRENT (mA)
Figure 23. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 22. Charge Data
REVERSE BIAS VOLTAGE (VOLTS)
Figure 21. Capacitance
V
CC = 40 V
I
C /I B = 10
Q
T
Q
A
I
C /I B = 10
t
r @ V CC = 3.0 V
t
d @ V OB = 0 V
40 V
15 V
2.0 V
I
C /I B = 20
I
C /I B = 10
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30 40
10.0
7.0
5.0
3.0
2.0
1.0
5000
3000
2000
1000
700
500
300
200
100
70
50
T
J = 25°C
T
J = 125°C
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
C
obo
NPN MMBT3904WT1
PNP MMBT3906WT1


Similar Part No. - MMBT3906WT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT3906WT1 MOTOROLA-MMBT3906WT1 Datasheet
423Kb / 12P
   General Purpose Transistor
logo
ON Semiconductor
MMBT3906WT1 ONSEMI-MMBT3906WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MMBT3906WT1 ONSEMI-MMBT3906WT1 Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
MMBT3906WT1 ONSEMI-MMBT3906WT1 Datasheet
236Kb / 12P
   General Purpose Transistors NPN and PNP Silicon
November, 2011 ??Rev. 8
MMBT3906WT1G ONSEMI-MMBT3906WT1G Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
More results

Similar Description - MMBT3906WT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT3904WT1G ONSEMI-SMMBT3904WT1G Datasheet
236Kb / 12P
   General Purpose Transistors NPN and PNP Silicon
November, 2011 ??Rev. 8
logo
Micro Electronics
2N3705 MICRO-ELECTRONICS-2N3705 Datasheet
311Kb / 4P
   PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
   PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1_15 Datasheet
119Kb / 3P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com