Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2420 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2420
Description  20-Bit mPower No Latency ADC in SO-8
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 4 Page - Linear Technology

  LTC2420_15 Datasheet HTML 1Page - Linear Technology LTC2420_15 Datasheet HTML 2Page - Linear Technology LTC2420_15 Datasheet HTML 3Page - Linear Technology LTC2420_15 Datasheet HTML 4Page - Linear Technology LTC2420_15 Datasheet HTML 5Page - Linear Technology LTC2420_15 Datasheet HTML 6Page - Linear Technology LTC2420_15 Datasheet HTML 7Page - Linear Technology LTC2420_15 Datasheet HTML 8Page - Linear Technology LTC2420_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2440
4
2440fd
POWER REQUIREMENTS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 4.5 to 5.5V unless otherwise specified.
VREF = REF+ – REF, VREFCM = (REF+ + REF)/2;
VIN = IN+ – IN, VINCM = (IN+ + IN)/2.
Note 4: fO pin tied to GND or to external conversion clock source with
fEOSC = 10MHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
4.5
5.5
V
ICC
Supply Current
Conversion Mode
Sleep Mode
CS = 0V (Note 7)
CS = VCC (Note 7)
l
l
8
8
11
30
mA
μA
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
Note 7: The converter uses the internal oscillator.
Note 8: The converter is in external SCK mode of operation such that the
SCK pin is used as a digital input. The frequency of the clock signal driving
SCK during the data output is fESCK and is expressed in Hz.
Note 9: The converter is in internal SCK mode of operation such that the
SCK pin is used as a digital output. In this mode of operation, the SCK pin
has a total equivalent load capacitance of CLOAD = 20pF.
Note 10: The external oscillator is connected to the fO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 11: The converter uses the internal oscillator. fO = 0V.
Note 12: Guaranteed by design and test correlation.
Note 13: There is an internal reset that adds an additional 1μs (typical) to
the conversion time.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
l
0.1
20
MHz
tHEO
External Oscillator High Period
l
25
10000
ns
tLEO
External Oscillator Low Period
l
25
10000
ns
tCONV
Conversion Time
OSR = 256 (SDI = 0)
OSR = 32768 (SDI = 1)
External Oscillator (Note 10, 13)
l
l
l
0.99
126
1.13
145
40 • OSR + 170
fEOSC(kHz)
1.33
170
ms
ms
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Note 9)
External Oscillator (Notes 9, 10)
l
0.8
0.9
fEOSC /10
1
DISCK
Internal SCK Duty Cycle
(Note 9)
l
45
55
%
fESCK
External SCK Frequency Range
(Note 8)
l
20
MHz
tLESCK
External SCK Low Period
(Note 8)
l
25
ns
tHESCK
External SCK High Period
(Note 8)
l
25
ns
tDOUT_ISCK
Internal SCK 32-Bit Data Output Time
Internal Oscillator (Notes 9, 11)
External Oscillator (Notes 9, 10)
l
30.9
35.3
320/fEOSC
41.6
μs
s
tDOUT_ESCK
External SCK 32-Bit Data Output Time
(Note 8)
l
32/fESCK
s
t1
CS to SDO Low Z
(Note 12)
l
025
ns
t2
CS
↑ to SDO High Z
(Note 12)
l
025
ns
t3
CS to SCK
(Note 9)
l
5μs
t4
CS to SCK
(Notes 8, 12)
l
25
ns
tKQMAX
SCK to SDO Valid
l
25
ns
tKQMIN
SDO Hold After SCK
(Note 5)
l
15
ns
t5
SCK Set-Up Before CS
l
50
ns
t7
SDI Setup Before SCK
(Note 5)
l
10
ns
t8
SDI Hold After SCK
(Note 5)
l
10
ns


Similar Part No. - LTC2420_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420C LINER-LTC2420C Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420CS8 LINER-LTC2420CS8 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420CS8 LINER-LTC2420CS8 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
LTC2420I LINER-LTC2420I Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420IS8 LINER-LTC2420IS8 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
More results

Similar Description - LTC2420_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420 LINER-LTC2420_09 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
   24-Bit Power No Latency ADC in SO-8
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
   1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com