Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT1051 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT1051
Description  40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT1051 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT1051_15 Datasheet HTML 1Page - Diodes Incorporated FZT1051_15 Datasheet HTML 2Page - Diodes Incorporated FZT1051_15 Datasheet HTML 3Page - Diodes Incorporated FZT1051_15 Datasheet HTML 4Page - Diodes Incorporated FZT1051_15 Datasheet HTML 5Page - Diodes Incorporated FZT1051_15 Datasheet HTML 6Page - Diodes Incorporated FZT1051_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FZT1051A
Document Number DS33184 Rev.6 - 2
3 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT1051A
A Product Line of
Diodes Incorporated
Thermal Characteristics and Derating Information
100m
1
10
100
10m
100m
1
10
Single Pulse. T
amb
=25°C
52mmX52mm FR4
2oz Cu
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25mmX25mm FR4
1oz Cu
52mmX52mm FR4
2oz Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
52mmX52mm FR4
2oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
52mmX52mm FR4
2oz Cu
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - FZT1051_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1051A ZETEX-FZT1051A Datasheet
46Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT1051A KEXIN-FZT1051A Datasheet
38Kb / 2P
   NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT1051A DIODES-FZT1051A Datasheet
58Kb / 3P
   SOT223 NPN SILICON PLANAR
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051ATA DIODES-FZT1051ATA Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results

Similar Description - FZT1051_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT491A DIODES-FZT491A_15 Datasheet
728Kb / 7P
   40V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BTA DIODES-FZT692BTA Datasheet
1Mb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1048A DIODES-FZT1048A_15 Datasheet
506Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com