Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT869 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT869
Description  25V NPN HIGH CURRENT TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT869 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT869_15 Datasheet HTML 1Page - Diodes Incorporated FZT869_15 Datasheet HTML 2Page - Diodes Incorporated FZT869_15 Datasheet HTML 3Page - Diodes Incorporated FZT869_15 Datasheet HTML 4Page - Diodes Incorporated FZT869_15 Datasheet HTML 5Page - Diodes Incorporated FZT869_15 Datasheet HTML 6Page - Diodes Incorporated FZT869_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FZT869
Document Number DS33178 Rev. 3 - 2
3 of 7
www.diodes.com
June 2015
© Diodes Incorporated
FZT869
A Product Line of
Diodes Incorporated
Thermal Characteristics and Derating Information
100m
1
10
100
10m
100m
1
10
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2 5 m m X 2 5 m m
sin g le sid ed 1 o z Cu
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - FZT869_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT869 DIODES-FZT869_17 Datasheet
454Kb / 7P
   25V NPN HIGH CURRENT TRANSISTOR
More results

Similar Description - FZT869_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT649 DIODES-FZT649_15 Datasheet
500Kb / 7P
   25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT649TA DIODES-FZT649TA Datasheet
550Kb / 7P
   25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G Datasheet
141Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T869G ZETEX-ZX5T869G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
   25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT869 DIODES-FZT869_17 Datasheet
454Kb / 7P
   25V NPN HIGH CURRENT TRANSISTOR
FZT789ATA DIODES-FZT789ATA Datasheet
535Kb / 7P
   25V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com