Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2360
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2360_15 Datasheet HTML 2Page - Linear Technology LTC2360_15 Datasheet HTML 3Page - Linear Technology LTC2360_15 Datasheet HTML 4Page - Linear Technology LTC2360_15 Datasheet HTML 5Page - Linear Technology LTC2360_15 Datasheet HTML 6Page - Linear Technology LTC2360_15 Datasheet HTML 7Page - Linear Technology LTC2360_15 Datasheet HTML 8Page - Linear Technology LTC2360_15 Datasheet HTML 9Page - Linear Technology LTC2360_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2360/LTC2361/LTC2362
6
236012fa
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
Histogram for 16384 Conversions
Supply Current vs Sample Rate
SINAD vs Input Frequency
THD vs Input Frequency
48kHz Sine Wave 8192 FFT Plot
TA = 25°C, VDD = OVDD = VREF (LTC2360, Note 4)
OUTPUT CODE
0
0.6
0.8
3072 3584
236012 G01
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
512 1024 1536 2048 2560
4096
–1
1
VDD = 3V
OUTPUT CODE
0
0.6
0.8
3072 3584
236012 G02
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
512 1024 1536 2048 2560
4096
–1
1
VDD = 3V
CODE
10000
8000
4000
6000
2000
0
2047
2045
2049
236012 G04
2050
2046
2048
VDD = 3V
SAMPLING FREQUENCY (ksps)
0
500
400
200
300
100
0
40
20
60 70
236012 G05
100
30
10
50
VDD = 3.6V
90
80
INPUT FREQUENCY (kHz)
236012 G07
74
73
72
70
71
69
1
100
10
VDD = 3.6V
VDD = 2.35V
VDD = 3.0V
INPUT FREQUENCY (kHz)
236012 G08
–78
–80
–82
–84
–90
–88
–86
–92
1
100
10
VDD = 3.6V
VDD = 3.0V
VDD = 2.35V
INPUT FREQUENCY (kHz)
0
0
–20
–60
–100
–40
–80
–120
–140
20
40
2306012 G09
50
30
10
VDD = 3V
fSMPL = 100ksps
Integral and Differential Nonlinearity
vs Reference Voltage (TS8 Package)
REFERENCE VOLTAGE (V)
0.8
0.6
0.8
3.2
236012 G03
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
1.2
1.6
2
2.4
2.8
3.6
–1
1
VDD = 3.6V
MIN DNL
MAX DNL
MAX INL
MIN INL
Reference Current vs Sample
Rate (TS8 Package)
SAMPLE RATE (ksps)
0
20.0
16.0
8.0
12.0
4.0
0.0
40
20
60 70
236012 G06
100
30
10
50
VDD = 3.6V
90
80


Similar Part No. - LTC2360_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360CS6-TRMPBF LINER-LTC2360CS6-TRMPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360CS6-TRPBF LINER-LTC2360CS6-TRPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360CTS8-TRMPBF LINER-LTC2360CTS8-TRMPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360CTS8-TRPBF LINER-LTC2360CTS8-TRPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360HS6-TRMPBF LINER-LTC2360HS6-TRMPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360 Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com