Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT849 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT849
Description  ELECTRICAL CHARACTERISTICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT849 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT849_15 Datasheet HTML 1Page - Diodes Incorporated FZT849_15 Datasheet HTML 2Page - Diodes Incorporated FZT849_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.01
0.1
1
10
0.4
0
0.8
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
VBE(sat) v IC
V+- -
Collector Voltage (Volts)
Safe Operating Area
0.1
100
110
0.1
1
10
100
Single Pulse Test at Tamb=25°C
0.01
0.1
1
10
1.0
0.5
2.0
1.5
I+ -
Collector Current (Amps)
VBE(on) v IC
VCE=1V
IC/IB=10
0.6
0.2
0.01
0.1
1
10
0
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
I+ -
Collector Current (Amps)
hFE v IC
300
200
100
D.C.
1s
100ms
10ms
1.0ms
0.1ms
VCE=5V
100
VCE=1V
100
0.001
IC/IB=50
0.01
0.1
1
10
1.0
0.5
2.0
1.5
100
0.001
IC/IB=50
IC/IB=10
100
FZT849
3 - 259


Similar Part No. - FZT849_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT849 KEXIN-FZT849_15 Datasheet
762Kb / 3P
   NPN Transistors
More results

Similar Description - FZT849_15

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5968 NJSEMI-1N5968 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com