Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F9177GB-8ES Datasheet(PDF) 3 Page - NEC

Part # UPD78F9177GB-8ES
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F9177GB-8ES Datasheet(HTML) 3 Page - NEC

  UPD78F9177GB-8ES Datasheet HTML 1Page - NEC UPD78F9177GB-8ES Datasheet HTML 2Page - NEC UPD78F9177GB-8ES Datasheet HTML 3Page - NEC UPD78F9177GB-8ES Datasheet HTML 4Page - NEC UPD78F9177GB-8ES Datasheet HTML 5Page - NEC UPD78F9177GB-8ES Datasheet HTML 6Page - NEC UPD78F9177GB-8ES Datasheet HTML 7Page - NEC UPD78F9177GB-8ES Datasheet HTML 8Page - NEC UPD78F9177GB-8ES Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
µµµµPD78F9177, 78F9177Y
Data Sheet U14022EJ1V0DS00
78K/0S SERIES DEVELOPMENT
The products in the 78K/0S Series are listed below. The names enclosed in boxes are subseries names.
78K/0S
series
Small, general-purpose
Small, general-purpose + A/D
For inverter control
For driving LCD
For ASSP
44 pins
44 pins
42/44 pins
28 pins
44 pins
30 pins
30 pins
30 pins
30 pins
30 pins
30 pins
44 pins
Products under mass production
Products under development
Y subseries supports SMB.
PD789014
80 pins
80 pins
64 pins
64 pins
64 pins
64 pins
64 pins
64 pins
44 pins
44 pins
20 pins
20 pins
µ
PD789026
µ
PD789046
PD789026 with subsystem clock added
PD789014 with timer reinforced and ROM and RAM expanded
UART. Low-voltage (1.8-V) operation
PD789167 with improved A/D
PD789104A with improved timer
PD789146 with improved A/D
PD789104A with EEPROM added
PD789124A with improved A/D
RC oscillation model of PD789104A
PD789104A with improved A/D
PD789026 with A/D and multiplier added
PD789407A with improved A/D
PD789456 with improved I/O
PD789446 with improved A/D
PD789426 with improved display output
PD789426 with improved A/D
PD789306 with A/D added
RC oscillation model of PD789306
Basic subseries for driving LCD
For PC keyboard. Internal USB function
For key pad. Internal POC
RC oscillation model of PD789860
For keyless entry. Internal POC and key return circuit
Internal inverter control circuit and UART
µ
PD789104A
µ
PD789114A
µ
PD789842
µ
PD789124A
µ
PD789134A
µ
PD789146
µ
PD789156
µ
PD789167
µ
PD789177
µ
PD789306
µ
PD789316
µ
PD789426
µ
PD789436
µ
PD789860
µ
PD789861
µ
PD789840
µ
PD789800
µ
PD789446
µ
PD789456
µ
PD789167Y
µ
PD789177Y
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
PD789407A
µ
PD789417A
µ
88 pins
Segment: 40 pins, common: 16 pins
PD789830
µ
144 pins
Segment/common output: 96 pins
PD789835
µ
For driving Dot LCD
52 pins
52 pins
For remote controller. Internal LCD controller/driver
PD789327
µ
PD789467
µ
PD789327 with A/D added
µ


Similar Part No. - UPD78F9177GB-8ES

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9177 RENESAS-UPD78F9177 Datasheet
153Kb / 17P
   PG-FP5
UPD78F9177A RENESAS-UPD78F9177A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F9177GB-8ES

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com