Electronic Components Datasheet Search |
|
FZT795A Datasheet(PDF) 1 Page - Diodes Incorporated |
|
FZT795A Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 7 page FZT795A Document number: DS33171 Rev. 4 - 2 1 of 7 www.diodes.com June 2015 © Diodes Incorporated FZT795A A Product Line of Diodes Incorporated 140V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223 Features BVCEO > -140V BVCBO > -140V IC = -500m Continuous Current hFE > 250 for High Gain @ -0.2A Very Low VCEsat Complementary NPN Type: FZT694B Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 Standards for High Reliability PPAP Capable (Note 4) Mechanical Data Case: SOT223 Case Material: Molded Plastic, “Green” Molding Compound; UL Flammability Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Finish - Matte Tin Plated Leads; Solderable per MIL-STD-202, Method 208 Weight: 0.112 grams (Approximate) Applications Battery Powered Circuits Ordering Information (Notes 4 & 5) Product Compliance Marking Reel size (inches) Tape width (mm) Quantity per reel FZT795ATA AEC-Q101 FZT795A 7 12 1,000 FZT795AQTA Automotive FZT795A 7 12 1,000 Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/. 5. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information SOT223 SOT223 Top View Device Symbol Top View Pin-Out Green C E C B FZT 795A FZT 795A = Product Type Marking Code YWW = Date Code Marking Y or Y = Last Digit of Year (ex: 5= 2015) WW or WW = Week Code (01~53) C E B |
Similar Part No. - FZT795A_15 |
|
Similar Description - FZT795A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |