Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2313-14 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2313-14
Description  14-Bit, 2.5Msps Serial Sampling ADC in TSOT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2313-14 Datasheet(HTML) 2 Page - Linear Technology

  LTC2313-14_15 Datasheet HTML 1Page - Linear Technology LTC2313-14_15 Datasheet HTML 2Page - Linear Technology LTC2313-14_15 Datasheet HTML 3Page - Linear Technology LTC2313-14_15 Datasheet HTML 4Page - Linear Technology LTC2313-14_15 Datasheet HTML 5Page - Linear Technology LTC2313-14_15 Datasheet HTML 6Page - Linear Technology LTC2313-14_15 Datasheet HTML 7Page - Linear Technology LTC2313-14_15 Datasheet HTML 8Page - Linear Technology LTC2313-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC2313-14
2
231314fb
For more information www.linear.com/LTC2313-14
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VDD, OVDD) .......................................6V
Reference (REF) and Analog Input (AIN) Voltage
(Note 3)......................................(–0.3V) to (VDD + 0.3V)
Digital Input Voltage (Note 3).. (–0.3V) to (OVDD + 0.3V)
Digital Output Voltage............. (–0.3V) to (OVDD + 0.3V)
Power Dissipation ...............................................100mW
Operating Temperature Range
LTC2313C ................................................ 0°C to 70°C
LTC2313I..............................................–40°C to 85°C
LTC2313H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature Range (Soldering, 10 sec)........300°C
(Notes 1, 2)
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
CONV
SCK
SDO
OVDD
VDD
REF
GND
AIN
TJMAX = 150°C, θJA = 195°C/W
orDer inForMaTion
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2313CTS8-14#TRMPBF
LTC2313CTS8-14#TRPBF
LTFZH
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2313ITS8-14#TRMPBF
LTC2313ITS8-14#TRPBF
LTFZH
8-Lead Plastic TSOT-23
–40˚C to 85˚C
LTC2313HTS8-14#TRMPBF
LTC2313HTS8-14#TRPBF
LTFZH
8-Lead Plastic TSOT-23
–40˚C to 125˚C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2313-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2313-14 LINER-LTC2313-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2313-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com