Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130135-0289 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130135-0289
Description  Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130135-0289 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130135-0289 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130135-0289
Status:
Active
Overview:
Outlet Boxes
Description:
Super-Safeway® Angled Outlet Box, F3 (3/4") Cord Grip Body, Including (2) NEMA
L5-15 Duplex Receptacles with Flip Lids & Plug, 0.305m (1.0') Cord Length, 12/3 SOW
Cord
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Power Distribution
Series
130135
Enclosure Rating
NEMA 4
GFCI Reset
N/A
Mounting Style
Portable
Open Neutral Relay
N/A
Overview
Outlet Boxes
Product Literature Order No
987650-7737
Product Name
Super-Safeway™
Receptacle Type
Duplex
Type
Angled Outlet Box
UPC
78678898779
Woodhead
Yes
Physical
Cord Diameter
15.24mm (.600")
Cord Grip Body Size
F3 3/4"
Cord Length
0.305m (1.0')
Feed-Thru
No
Flip Lid
Yes
Material - Housing
Rubber
Number of Receptacles
2
Packaging Type
Carton
Electrical
Cord Type
12/3 SOW
Current - Maximum per Contact
15.0A
GFCI
No
Ground Continuity Monitor
No
NEMA Configuration
NEMA L5-15
Voltage - Maximum
250V
Material Info
Old Part Number
3331RE123
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130135Series
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130135-0289

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130135-0281 MOLEX11-130135-0281 Datasheet
41Kb / 1P
   Super-Safeway짰 Angled Outlet Box, F3 (3/4) Cord Grip Body, Including (2) NEMA 5-15 Duplex Receptacles & Plug
130135-0283 MOLEX11-130135-0283 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body, Including (2) NEMA
130135-0285 MOLEX11-130135-0285 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body, Including (2) NEMA 5-15 Duplex Receptacles with Flip Lids & Plug
130135-0287 MOLEX11-130135-0287 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body,
130135-0288 MOLEX11-130135-0288 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body, Including (2) NEMA L5-15 Duplex Receptacles with Flip Lids & Plug
More results

Similar Description - 130135-0289

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130135-0292 MOLEX11-130135-0292 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body
130135-0293 MOLEX11-130135-0293 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body
130135-0298 MOLEX11-130135-0298 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body
1301350285 MOLEX11-1301350285 Datasheet
34Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body
1301350287 MOLEX11-1301350287 Datasheet
34Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body,
1301350288 MOLEX11-1301350288 Datasheet
34Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body
130135-0287 MOLEX11-130135-0287 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body,
1301350283 MOLEX11-1301350283 Datasheet
34Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body,
1301350293 MOLEX11-1301350293 Datasheet
34Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body
130135-0296 MOLEX11-130135-0296 Datasheet
41Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4") Cord Grip Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com