Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRSH1-2 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CRSH1-2
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CRSH1-2 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CRSH1-2 Datasheet HTML 1Page - Central Semiconductor Corp CRSH1-2 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R1
CRSH1 SERIES
SCHOTTKY BARRIER RECTIFIER
1.0 AMPS, 20 THRU 100 VOLTS
JEDEC DO-41 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR CRSH1 Series types are Schottky Barrier Rectifiers mounted in an axial
lead epoxy case using metal to silicon junction to yield low forward voltage drop and instantaneous reverse
recovery times.
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
CRSH1 CRSH1 CRSH1 CRSH1 CRSH1 CRSH1 CRSH1
SYMBOL
-2
-3
-4
-5
-6
-8
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
DC Blocking Voltage
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Forward Current (TL=75°C)
IO
1.0
A
Peak Forward Surge Current (8.3ms)
IFSM
30
A
Junction Temperature
TJ
-65 to +125
°C
StorageTemperature
Tstg
-65 to +125
°C
Thermal Resistance
ΘJA
80
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.5
mA
IR
VR=Rated VRRM, TA=100°C
10
mA
VF
IF=1.0A (20V THRU 40V)
0.5
V
VF
IF=1.0A (50V AND 60V)
0.7
V
VF
IF=1.0A (80V AND 100V)
0.85
V
CJ
VF=4.0V, f=1.0MHz
110
pF


Similar Part No. - CRSH1-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CRSH1-2 CENTRAL-CRSH1-2 Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS
More results

Similar Description - CRSH1-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com