Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHD457A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMHD457A
Description  SURFACE MOUNT LOW LEAKAGE SILICON DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHD457A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMHD457A_15 Datasheet HTML 1Page - Central Semiconductor Corp CMHD457A_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMHD457A
CMHD459A
SURFACE MOUNT
LOW LEAKAGE SILICON DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMHD457A,
CMHD459A types are silicon planar diodes, epoxy
molded in a SOD-123 surface mount package,
designed for low leakage applications.
MARKING CODES:
CMHD457A: C7A
CMHD459A: C9A
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMHD457A
CMHD459A
UNITS
Peak Repetitive Reverse Voltage
VRRM
70
200
V
Peak Working Reverse Voltage
VRWM
60
175
V
Average Forward Current
IO
200
mA
Continuous Forward Current
IF
500
mA
Peak Forward Surge Current, tp=1.0µs
IFSM
4.0
A
Power Dissipation
PD
400
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
312.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMHD457A
CMHD459A
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
UNITS
IR
VR=Rated VRWM
25
25
nA
IR
VR=Rated VRWM, TA=150°C
5.0
5.0
µA
BVR
IR=100µA
70
200
V
VF
IF=100mA
1.0
1.0
V
CT
VR=0, f=1.0MHz
6.0
6.0
pF
SOD-123 CASE
R2 (5-August 2010)
www.centra lsemi.com


Similar Part No. - CMHD457A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHD457A CENTRAL-CMHD457A_10 Datasheet
371Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
More results

Similar Description - CMHD457A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL3595 CENTRAL-CLL3595 Datasheet
75Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD3595 CENTRAL-CMHD3595_15 Datasheet
373Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD457A CENTRAL-CMHD457A Datasheet
107Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL457A CENTRAL-CLL457A_10 Datasheet
321Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL3595 CENTRAL-CLL3595_15 Datasheet
304Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD457A CENTRAL-CMHD457A_10 Datasheet
371Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL3595 CENTRAL-CLL3595_10 Datasheet
304Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMHD3595 CENTRAL-CMHD3595_10 Datasheet
373Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CLL457A CENTRAL-CLL457A Datasheet
98Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com