Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G02DF Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MC74VHC1G02DF
Description  2-Input NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MC74VHC1G02DF Datasheet(HTML) 1 Page - Leshan Radio Company

  MC74VHC1G02DF Datasheet HTML 1Page - Leshan Radio Company MC74VHC1G02DF Datasheet HTML 2Page - Leshan Radio Company MC74VHC1G02DF Datasheet HTML 3Page - Leshan Radio Company MC74VHC1G02DF Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
VH2–1/4
V3d
MC74VHC1G02
V3d
1
3
2
4
5
TSOP–5/SOT–23/SC–59
DT SUFFIX
CASE 483
The MC74VHC1G02 is an advanced high speed CMOS 2–input NOR gate fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The MC74VHC1G02 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1G02 to be used to interface 5 V circuits to 3 V circuits.
• High Speed: t PD = 3.0 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 56; Equivalent Gates = 14
SC–88A / SOT–353/SC–70
DF SUFFIX
CASE 419A
1
3
2
4
5
MARKING DIAGRAMS
Pin 1
d = Date Code
Pin 1
d = Date Code
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
PIN ASSIGNMENT
1
IN B
2
IN A
3
GND
4
OUT Y
5V CC
FUNCTION TABLE
Inputs
Output
AB
Y
LL
H
LH
L
HL
L
HH
L
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 4 of this data sheet.
2–Input NOR Gate


Similar Part No. - MC74VHC1G02DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G02DFT1 ONSEMI-MC74VHC1G02DFT1 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1G02DFT1 ETL-MC74VHC1G02DFT1 Datasheet
571Kb / 4P
   Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G02DFT1 ONSEMI-MC74VHC1G02DFT1 Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02DFT1G ONSEMI-MC74VHC1G02DFT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02DFT1G ONSEMI-MC74VHC1G02DFT1G Datasheet
79Kb / 6P
   Single 2-Input NOR Gate
April, 2016 ??Rev. 18
More results

Similar Description - MC74VHC1G02DF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com