Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2283 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2283
Description  Dual 12-Bit, 125Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2283 Datasheet(HTML) 2 Page - Linear Technology

  LTC2283_15 Datasheet HTML 1Page - Linear Technology LTC2283_15 Datasheet HTML 2Page - Linear Technology LTC2283_15 Datasheet HTML 3Page - Linear Technology LTC2283_15 Datasheet HTML 4Page - Linear Technology LTC2283_15 Datasheet HTML 5Page - Linear Technology LTC2283_15 Datasheet HTML 6Page - Linear Technology LTC2283_15 Datasheet HTML 7Page - Linear Technology LTC2283_15 Datasheet HTML 8Page - Linear Technology LTC2283_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2283
2
2283fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ..................................................4V
Digital Output Ground Voltage (OGND) ........ –0.3V to 1V
Analog Input Voltage (Note 3).......–0.3V to (VDD + 0.3V)
Digital Input Voltage......................–0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation .............................................1500mW
Operating Temperature Range
LTC2283C ................................................ 0°C to 70°C
LTC2283I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
OVDD = VDD (Notes 1, 2)
TOP VIEW
65
UP PACKAGE
64-LEAD (9mm × 9mm) PLASTIC QFN
TJMAX = 150°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND AND MUST BE SOLDERED TO PCB
AINA
+ 1
AINA
2
REFHA 3
REFHA 4
REFLA 5
REFLA 6
VDD 7
CLKA 8
CLKB 9
VDD 10
REFLB 11
REFLB 12
REFHB 13
REFHB 14
AINB
15
AINB
+ 16
48 DA5
47 DA4
46 DA3
45 DA2
44 DA1
43 DA0
42 NC
41 NC
40 CLKOUT
39 DB11
38 DB10
37 DB9
36 DB8
35 DB7
34 DB6
33 DB5
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2283CUP#PBF
LTC2283CUP#TRPBF
LTC2283UP
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2283IUP#PBF
LTC2283IUP#TRPBF
LTC2283UP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2283CUP
LTC2283CUP#TR
LTC2283UP
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2283IUP
LTC2283IUP#TR
LTC2283UP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
12
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
–2
±0.4
2
LSB
Differential Linearity Error
Differential Analog Input
–0.9
±0.2
0.9
LSB
Offset Error
(Note 6)
–12
±2
12
mV
Gain Error
External Reference
–2.5
±0.5
2.5
%FS
Offset Drift
±10
μV/°C
Full-Scale Drift
Internal Reference
±30
ppm/°C
External Reference
±5
ppm/°C
Gain Matching
External Reference
±0.3
%FS
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CONVERTER CHARACTERISTICS


Similar Part No. - LTC2283_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2283CUP LINER-LTC2283CUP Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2283CUP-PBF LINER-LTC2283CUP-PBF Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2283CUP-TR LINER-LTC2283CUP-TR Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2283CUP-TRPBF LINER-LTC2283CUP-TRPBF Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2283IUP LINER-LTC2283IUP Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2283_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2294 LINER-LTC2294 Datasheet
716Kb / 24P
   Dual 12-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com