Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1736 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1736
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736 Datasheet(HTML) 5 Page - Linear Technology

  LTC1736_15 Datasheet HTML 1Page - Linear Technology LTC1736_15 Datasheet HTML 2Page - Linear Technology LTC1736_15 Datasheet HTML 3Page - Linear Technology LTC1736_15 Datasheet HTML 4Page - Linear Technology LTC1736_15 Datasheet HTML 5Page - Linear Technology LTC1736_15 Datasheet HTML 6Page - Linear Technology LTC1736_15 Datasheet HTML 7Page - Linear Technology LTC1736_15 Datasheet HTML 8Page - Linear Technology LTC1736_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1736
TYPICAL PERFOR A CE CHARACTERISTICS
Maximum Current Sense Threshold
vs Normalized Output Voltage
(Foldback)
NORMALIZED OUTPUT VOLTAGE (%)
0
40
50
60
100
1736 G10
30
20
0
25
50
75
10
80
70
VRUN/SS (V)
0
0
20
40
60
80
12
3
4
1736 G11
56
VSENSE(CM) = 1.6V
COMMON MODE VOLTAGE (V)
0
72
76
80
1736 G12
68
64
60
0.5
1
1.5
2
Maximum Current Sense Threshold
vs VRUN/SS
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
Maximum Current Sense Threshold
vs ITH Voltage
VITH (V)
0
30
50
70
90
2
1736 G13
10
–10
20
40
60
80
0
–20
–30
0.5
1
1.5
2.5
VRUN/SS (V)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
1736 G15
56
VOSENSE = 0.7V
VITH vs VRUN/SS
TEMPERATURE (
°C)
–40
–15
–5
–3
0
10
60
85
1736 G16
–4
–1
–2
35
110
135
VRUN/SS = 0V
RUN/SS Pin Current
vs Temperature
FCB Pin Current vs Temperature
TEMPERATURE (
°C)
–40
–15
–1.0
–0.6
0
10
60
85
1736 G17
–0.8
–0.2
–0.4
35
110
135
VFCB = 0.85V
Maximum Current Sense Threshold
vs Temperature
TEMPERATURE (
°C)
–40
60
65
70
75
80
–15
10
35
60
1736 G18
85
110
135
VSENSE(CM) = 1.6V
DUTY CYCLE (%)
0
0
20
40
60
80
100
20
40
60
80
1736 G14
100
fSYNC = fO
IOUT/IMAX
(SYNCHRONIZED)
IOUT/IMAX
(FREE RUN)
Output Current vs Duty Cycle


Similar Part No. - LTC1736_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736C LINER-LTC1736C Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1736CG LINER-LTC1736CG Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1736I LINER-LTC1736I Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1736IG LINER-LTC1736IG Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1736_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736 LINER-LTC1736 Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1709 LINER-LTC1709 Datasheet
370Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709 LINER-LTC1709_15 Datasheet
306Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735CF LINER-LTC1735CF Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
   Synchronous Micropower Step-Down High Efficiency Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com