Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP15L01F Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STP15L01F
Description  Super high dense cell design for low RDS(ON).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP15L01F Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STP15L01F Datasheet HTML 1Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 2Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 3Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 4Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 5Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 6Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 7Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 8Page - SamHop Microelectronics Corp. STP15L01F Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STP15L01/F
Ver 1.0
www.samhop.com.tw
Nov,01,2010
6


Similar Part No. - STP15L01F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP150N10F7 STMICROELECTRONICS-STP150N10F7 Datasheet
830Kb / 15P
   High avalanche ruggedness
August 2014 Rev 4
logo
Inchange Semiconductor ...
STP150N10F7 ISC-STP150N10F7 Datasheet
245Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP150N10F7 DOINGTER-STP150N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STP150N3LLH6 STMICROELECTRONICS-STP150N3LLH6 Datasheet
948Kb / 16P
   N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
More results

Similar Description - STP15L01F

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com