Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1624 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1624
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1624_15 Datasheet HTML 3Page - Linear Technology LTC1624_15 Datasheet HTML 4Page - Linear Technology LTC1624_15 Datasheet HTML 5Page - Linear Technology LTC1624_15 Datasheet HTML 6Page - Linear Technology LTC1624_15 Datasheet HTML 7Page - Linear Technology LTC1624_15 Datasheet HTML 8Page - Linear Technology LTC1624_15 Datasheet HTML 9Page - Linear Technology LTC1624_15 Datasheet HTML 10Page - Linear Technology LTC1624_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1624
APPLICATIONS INFORMATION
The LTC1624 can be used in a wide variety of switching
regulator applications, the most common being the step-
down converter. Other switching regulator architectures
include step-up, SEPIC and positive-to-negative converters.
The basic LTC1624 step-down application circuit is shown
in Figure 1 on the first page. External component selection
is driven by the load requirement and begins with the
selection of RSENSE. Once RSENSE is known, the inductor
can be chosen. Next, the power MOSFET and D1 are
selected. Finally, CIN and COUT are selected. The circuit
shown in Figure 1 can be configured for operation up to an
input voltage of 28V (limited by the external MOSFETs).
Step-Down Converter: RSENSE Selection for
Output Current
RSENSE is chosen based on the required output current.
The LTC1624 current comparator has a maximum thresh-
old of 160mV/RSENSE. The current comparator threshold
sets the peak of the inductor current, yielding a maximum
average output current IMAX equal to the peak value less
half the peak-to-peak ripple current,
∆IL.
Allowing a margin for variations in the LTC1624 and
external component values yields:
R
mV
I
SENSE
MAX
=
100
The LTC1624 works well with values of RSENSE from
0.005
Ω to 0.5Ω.
Step-Down Converter: Inductor Value Calculation
With the operating frequency fixed at 200kHz smaller
inductor values are favored. Operating at higher frequen-
cies generally results in lower efficiency because of
MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current. The
inductor ripple current
∆IL decreases with higher induc-
tance and increases with higher VIN or VOUT:
∆I
VV
fL
VV
VV
L
IN
OUT
OUT
D
IN
D
=
()( )
+
+


where VD is the output Schottky diode forward drop.
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL = 0.4(IMAX). Remember, the
maximum
∆IL occurs at the maximum input voltage.
The inductor value also has an effect on low current
operation. Lower inductor values (higher
∆IL) will cause
Burst Mode operation to begin at higher load currents,
which can cause a dip in efficiency in the upper range of
low current operation. In Burst Mode operation lower
inductance values will cause the burst frequency to
decrease. In general, inductor values from 5
µH to 68µH
are typical depending on the maximum input voltage and
output current. See also Modifying Burst Mode Operation
section.
Step-Down Converter: Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and, therefore, copper losses will
increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire.
Because they generally lack a bobbin, mounting is more
difficult. However, designs for surface mount that do not
increase the height significantly are available.
Kool Mu is a registered trademark of Magnetics, Inc.


Similar Part No. - LTC1624_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624CS LINER-LTC1624CS Datasheet
490Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
LTC1624CS8 LINER-LTC1624CS8 Datasheet
490Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
LTC1624IS LINER-LTC1624IS Datasheet
490Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
LTC1624IS8 LINER-LTC1624IS8 Datasheet
490Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
More results

Similar Description - LTC1624_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624 LINER-LTC1624 Datasheet
490Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com