Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1343 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1343
Description  Software-Selectable Multiprotocol Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1343_15 Datasheet HTML 4Page - Linear Technology LTC1343_15 Datasheet HTML 5Page - Linear Technology LTC1343_15 Datasheet HTML 6Page - Linear Technology LTC1343_15 Datasheet HTML 7Page - Linear Technology LTC1343_15 Datasheet HTML 8Page - Linear Technology LTC1343_15 Datasheet HTML 9Page - Linear Technology LTC1343_15 Datasheet HTML 10Page - Linear Technology LTC1343_15 Datasheet HTML 11Page - Linear Technology LTC1343_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1343
SWITCHI G TI E WAVEFOR S
Figure 6. V.11, V.35 Driver Propagation Delays
Figure 7. V.11, V.35 Receiver Propagation Delays
Figure 8. V.10, V.28 Driver Propagation Delays
Figure 9. V.10, V.28 Receiver Propagation Delays
5V
1.5V
1.5V
50%
10%
90%
tPLH
t r
0V
VO
VO
–VO
D
B – A
A
B
tPHL
tSKEW
tSKEW
1343 F06
1/2 VO
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
VDIFF = V(A) – V(B)
50%
10%
90%
t f
VOD2
–VOD2
0V
1.5V
0V
1.5V
tPLH
VOH
VOL
B – A
R
tPHL
1343 F07
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
INPUT
OUTPUT
3V
0V
1.5V
0V
–3V
3V
1.5V
0V
3V
–3V
tPHL
tf
VO
–VO
D
A
tPLH
tr
1343 F08
VIH
VIL
1.3V
0.8V
1.7V
2.4V
tPHL
VOH
VOL
A
R
tPLH
1343 F09


Similar Part No. - LTC1343_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343C LINER-LTC1343C Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1343CGW LINER-LTC1343CGW Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1343I LINER-LTC1343I Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1343IGW LINER-LTC1343IGW Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC1343_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com