Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6801 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6801
Description  1 Cell Li-ion Battery Linear Charger IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6801 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6801_15 Datasheet HTML 1Page - Torex Semiconductor XC6801_15 Datasheet HTML 2Page - Torex Semiconductor XC6801_15 Datasheet HTML 3Page - Torex Semiconductor XC6801_15 Datasheet HTML 4Page - Torex Semiconductor XC6801_15 Datasheet HTML 5Page - Torex Semiconductor XC6801_15 Datasheet HTML 6Page - Torex Semiconductor XC6801_15 Datasheet HTML 7Page - Torex Semiconductor XC6801_15 Datasheet HTML 8Page - Torex Semiconductor XC6801_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/19
XC6801 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
CIRCUIT
Input Voltage
VIN
4.25
-
6.00
V
-
Supply Current
ISS
Charge mode (VLIM=H or VLIM=L)
-
12
30
μ
A
Stand-by Current
ISTBY
Stand-by mode
-
12
30
μ
A
Shut-down Current
ISHUT
Shut-down mode
(VIN<VBAT or VIN<VUVLO
-
8
18
μ
A
Float Voltage 1
VFLOAT1
Ta=25℃, IBAT=40mA
×0.993
4.2
×1.007
V
Float Voltage 2
(*1)
VFLOAT2
0℃≦Ta≦50℃, IBAT=40mA
×0.99
4.2
×1.01
V
-
Battery Current 1
IBAT1
VBAT=3.8V, VLIM=L, CC mode
88
95
100
mA
Battery Current 2
IBAT2
VBAT=3.8V, VLIM=H, CC mode
440
475
500
mA
Battery Current 3
IBAT3
Stand-by mode, VBAT=4.2V
-
-
2.5
μ
A
Battery Current 4
IBAT4
Shut-down mode
-
-
2.0
μ
A
Battery Current 5
IBAT5
Stop mode, VIN=0V
-
-
2.0
μ
A
Trickle Charge Current 1
ITRIKL1
VBAT<VTRIKL(VLIM=L )
7.5
9.5
12.0
mA
Trickle Charge Current 2
ITRIKL2
VBAT<VTRIKL(VLIM=H )
37.5
47.5
60.0
mA
Trickle Voltage
VTRIKL
VLIM=L, VBAT Rising
2.813
2.9
2.987
V
Trickle Voltage
Hysteresis Width
VTRIKL_HYS
VLIM=L
58
90
116
mV
UVLO Voltage
VUVLO
VIN : L → H
3.686
3.8
3.914
V
UVLO Hysteresis Width
VUVLO_HYS
-
150
190
280
mV
-
VIN-VBAT
Shut-down Voltage
VASD
VIN : L → H
70
100
140
mV
VIN-VBAT Shut-down Voltage
Hysteresis Width
VASD_HYS
-
50
70
90
mV
-
VLIM=L
0.07
0.1
0.13
mA/mA
C/10 Charge Termination
Current Threshold
ITERM
VLIM=H
0.07
0.1
0.13
mA/mA
/CHG Pin
Weak Pull-Down Current
I/CHG1
VBAT=4.3V, V/CHG=5V
8
20
35
μ
A
/CHG Pin
Strong Pull-Down Current
I/CHG2
VBAT=4.0V, V/CHG=1V
4
10
18
mA
/CHG Pin
Output Low Voltage
V/CHG
I/CHG=5mA
-
0.35
0.60
V
Recharge Battery
Threshold Voltage
ΔVRECHRG
VFLOAT1-VRECHRG
(*2)
100
150
200
mV
ON Resistance
RON
-
300
450
800
mΩ
Soft-Start Time
tSS
IBAT= 0 → IBAT2(VLIM=H)
120
150
180
μ
s
Recharge Battery Time
tRECHRG
VBAT : H → L
0.4
1.7
3.2
ms
Battery Termination
Detect Time
tTERM
IBAT falling (Less than ITERM)
0.3
1.2
2.4
ms
LIM Pin "H" Level Voltage
VLIM_H
1
V
LIM Pin "L" Level Voltage
VLIM_L
0.4
V
LIM Pin "H" Level Current
ILIM_H
-0.1
0.1
μ
A
LIM Pin "L" Level Current
ILIM_L
-0.1
0.1
μ
A
Thermal Shut-Down
Detect Temperature
TTSD
Junction temperature
120
-
Thermal Shut-Down
Release Temperature
TTSR
Junction temperature
100
-
ELECTRICAL CHARACTERISTICS
XC6801A421
Unless otherwise stated, VIN=5.0V.
(*1) The figures under the condition of 0
OC≦Ta≦50OC are guaranteed by design calculation.
(*2) VRECHRG is a voltage to start recharging while reducing VBAT in stand-by mode from the full charge.


Similar Part No. - XC6801_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6801_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com