Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3435 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3435
Description  High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3435 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3435_15 Datasheet HTML 6Page - Linear Technology LT3435_15 Datasheet HTML 7Page - Linear Technology LT3435_15 Datasheet HTML 8Page - Linear Technology LT3435_15 Datasheet HTML 9Page - Linear Technology LT3435_15 Datasheet HTML 10Page - Linear Technology LT3435_15 Datasheet HTML 11Page - Linear Technology LT3435_15 Datasheet HTML 12Page - Linear Technology LT3435_15 Datasheet HTML 13Page - Linear Technology LT3435_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3435
10
3435fa
and Soft-Start Current graphs in Typical Performance
Characteristics).
Frequency foldback is done to control power dissipation in
both the IC and in the external diode and inductor during
short-circuit conditions. A shorted output requires the
switching regulator to operate at very low duty cycles. As
a result the average current through the diode and induc-
tor is equal to the short-circuit current limit of the switch
(typically 4.7A for the LT3435). Minimum switch on time
limitations would prevent the switcher from attaining a
sufficiently low duty cycle if switching frequency were
maintained at 500kHz, so frequency is reduced by about
4:1 when the FB pin voltage drops below 0.4V (see
Frequency Foldback graph). In addition, if the current in
the switch exceeds 1.5 times the current limitations speci-
fied by the VC pin, due to minimum switch on time, the
LT3435 will skip the next switch cycle. As the feedback
voltage rises, the switching frequency increases to 500kHz
with 0.95V on the FB pin. During frequency foldback,
external syncronization is disabled to prevent interference
with foldback operation. Frequency foldback does not
affect operation during normal load conditions.
In addition to lowering switching frequency the soft-start
ramp rate is also affected by the feedback voltage. Large
capacitive loads or high input voltages can cause a high
input current surge during start-up. The soft-start func-
tion reduces input current surge by regulating switch
current via the VC pin to maintain a constant voltage ramp
rate (dV/dt) at the output. A capacitor (C1 in Figure 2) from
the CSS pin to the output determines the maximum output
dV/dt. When the feedback voltage is below 0.4V, the VC pin
will rise, resulting in an increase in switch current and
output voltage. If the dV/dt of the output causes the current
through the CSS capacitor to exceed ICSS the VC voltage is
reduced resulting in a constant dV/dt at the output. As the
feedback voltage increases ICSS increases, resulting in an
increased dV/dt until the soft-start function is defeated
with 0.9V present at the FB pin. The soft-start function
does not affect operation during normal load conditions.
However, if a momentary short (brown out condition) is
present at the output which causes the FB voltage to drop
below 0.9V, the soft-start circuitry will become active.
INPUT CAPACITOR
Step-down regulators draw current from the input supply
in pulses. The rise and fall times of these pulses are very
fast. The input capacitor is required to reduce the voltage
ripple this causes at the input of LT3435 and force the
switching current into a tight local loop, thereby minimiz-
ing EMI. The RMS ripple current can be calculated from:
I
I
V
VV
V
RIPPLE RMS
OUT
IN
OUT
IN
OUT
()
=
()
Ceramic capacitors are ideal for input bypassing. At 500kHz
switching frequency input capacitor values in the range of
4.7
µF to 20µF are suitable for most applications. If opera-
tion is required close to the minimum input required by the
LT3435 a larger value may be required. This is to prevent
excessive ripple causing dips below the minimum operat-
ing voltage resulting in erratic operation.
Input voltage transients caused by input voltage steps or
by hot plugging the LT3435 to a pre-powered source such
as a wall adapter can exceed maximum VIN ratings. The
sudden application of input voltage will cause a large
surge of current in the input leads that will store energy in
the parasitic inductance of the leads. This energy will
cause the input voltage to swing above the DC level of input
power source and it may exceed the maximum voltage
rating of the input capacitor and LT3435. All input voltage
transient sequences should be observed at the VIN pin of
the LT3435 to ensure that absolute maximum voltage
ratings are not violated.
The easiest way to suppress input voltage transients is to
add a small aluminum electrolytic capacitor in parallel with
the low ESR input capacitor. The selected capacitor needs
to have the right amount of ESR to critically damp the
resonant circuit formed by the input lead inductance and
the input capacitor. The typical values of ESR will fall in the
range of 0.5
Ω to 2Ω and capacitance will fall in the range
of 5
µF to 50µF.
If tantalum capacitors are used, values in the 22
µF to
470
µF range are generally needed to minimize ESR and
meet ripple current and surge ratings. Care should be
APPLICATIO S I FOR ATIO


Similar Part No. - LT3435_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435EFE LINER-LT3435EFE Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
LT3435IFE LINER-LT3435IFE Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
More results

Similar Description - LT3435_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3995 LINER-LT3995_15 Datasheet
352Kb / 24P
   60V, 3A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
   42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com