Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG8810A Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STG8810A
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8810A Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STG8810A Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 7Page - SamHop Microelectronics Corp. STG8810A Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STG8810A
Ver 1.3
www.samhop.com.tw
Jul,02,2014
5
10
0.1
100
1000
100
10
1
VDS - Drain to Source Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
10
0.1
100
1000
10
1
ID - Drain Current - A
SWITCHING CHARACTERISTICS
QG - Gate Charge -nC
DYNAMIC INPUT CHARACTERISTICS
0.01
0.1
100
10
1
0.6
0.4
0.2
0
VF(S-D) - Source to Drain Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
-50
30
20
10
150
100
50
0
Tch - Channel Temperature -
°C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
40
4.0 V
4.5 V
Coss
Crss
Ciss
VDD = 16.0 V
VGS = 4.5 V
RG = 6
Ω
td(on)
0
0
4
3
2
8
6
4
2
ID = 7 A
1
1.2
1.0
0.8
VGS = 0 V
3.7 V
ID = 3.5 A
3.1 V
VGS = 2.5 V
td(off)
tr
tf
10
VDD = 4.0 V
10 V
16 V


Similar Part No. - STG8810A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STG8810 SAMHOP-STG8810 Datasheet
197Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STG8810 VBSEMI-STG8810 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
More results

Similar Description - STG8810A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com