Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3434 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3434
Description  High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3434 Datasheet(HTML) 2 Page - Linear Technology

  LT3434_15 Datasheet HTML 1Page - Linear Technology LT3434_15 Datasheet HTML 2Page - Linear Technology LT3434_15 Datasheet HTML 3Page - Linear Technology LT3434_15 Datasheet HTML 4Page - Linear Technology LT3434_15 Datasheet HTML 5Page - Linear Technology LT3434_15 Datasheet HTML 6Page - Linear Technology LT3434_15 Datasheet HTML 7Page - Linear Technology LT3434_15 Datasheet HTML 8Page - Linear Technology LT3434_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3434
2
3434fb
(Note 1)
VIN, SHDN, BIAS, PGOOD, SW ............................... 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, CSS, PGFB, FB ................................................ 6V
Operating JunctionTemperature Range
LT3434EFE (Note 2) ........................ – 40
°C to 125°C
LT3434IFE (Note 2) ......................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT3434EFE
LT3434IFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB/PGFB = 1.25V,
CSS/SYNC = 0V unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO GND (PIN 8)
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
520
µA
Minimum Input Voltage (Note 3)
2.4
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
170
250
µA
FB = 1.35V
45
75
µA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V
3.2
6
mA
BIAS = 5V, FB = 1.15V
2.6
5
mA
Minimum BIAS Voltage (Note 5)
FB = 1.15V
2.7
3.1
V
IBIASS
BIAS Sleep Current (Note 4)
110
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 3.3V
700
900
µA
Minimum Boost Voltage (Note 6)
ISW = 3A
1.8
V
Input Boost Current (Note 7)
ISW = 3A
65
85
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
1.225
1.25
1.275
V
IFB
FB Input Bias Current
75
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
400
650
900
µMho
EA Source Current
FB = 1.15V
20
40
55
µA
EA Sink Current
FB = 1.35V
15
30
40
µA
VC to SW gm
6A/V
FE PART
MARKING
3434EFE
3434IFE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
VIN
VIN
SW
BOOST
CT
GND
PGOOD
SHDN
SYNC
PGFB
FB
VC
BIAS
CSS
17


Similar Part No. - LT3434_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3434EFE LINER-LT3434EFE Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434IFE LINER-LT3434IFE Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results

Similar Description - LT3434_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com