Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1738 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1738
Description  Slew Rate Controlled Ultralow Noise DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1738 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1738_15 Datasheet HTML 4Page - Linear Technology LT1738_15 Datasheet HTML 5Page - Linear Technology LT1738_15 Datasheet HTML 6Page - Linear Technology LT1738_15 Datasheet HTML 7Page - Linear Technology LT1738_15 Datasheet HTML 8Page - Linear Technology LT1738_15 Datasheet HTML 9Page - Linear Technology LT1738_15 Datasheet HTML 10Page - Linear Technology LT1738_15 Datasheet HTML 11Page - Linear Technology LT1738_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1738
1738fa
VC (Pin 12): The compensation pin is used for frequency
compensation and current limiting. It is the output of the
error amplifier and the input of the current comparator.
Loop frequency compensation can be performed with an
RC network connected from the VC pin to ground. The
voltage on VC is proportional to the switch peak current.
The normal range of voltage on this pin is 0.25V to 1.27V.
However, during slope compensation the upper clamp
voltage is allowed to increase with the compensation.
During a short-circuit fault the VC pin will be discharged to
ground.
PI FU CTIO S
BLOCK DIAGRA
Figure 1a. Typical Test Circuitry
+
VC
NFB
FB
1738 BD
SS
SLEW
CONTROL
VREG
VIN
V5
TO
DRIVERS
SQ
FF
R
OSCILLATOR
+
NEGATIVE
FEEDBACK
AMP
+
ERROR
AMP
1.25V
100k
50k
COMP
+
SENSE
AMP
SHDN
RVSL
RCSL
REGULATOR
RT
CT
CAP
GATE
GCL
PGND
SYNC
GND
SUB
CS
4
11
6
7
8
13
9
10
14
17
5
15
16
12
20
1
2
3
Figure 1b. Test Circuit for Slew
+
5pF
IN5819
20mA
2
1738 F01a
ZVN3306A
10
GATE
CAP
+
5pF
IN5819
0.9A
0.1
1738 F01b
Si4450DY
10
GATE
CS
CAP
TEST CIRCUITS


Similar Part No. - LT1738_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1738EG LINER-LT1738EG Datasheet
248Kb / 20P
   Slew Rate Controlled Ultralow Noise DC/DC Controller
LT1738IG LINER-LT1738IG Datasheet
248Kb / 20P
   Slew Rate Controlled Ultralow Noise DC/DC Controller
More results

Similar Description - LT1738_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1738 LINER-LT1738 Datasheet
248Kb / 20P
   Slew Rate Controlled Ultralow Noise DC/DC Controller
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
   Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
LT3439 LINER-LT3439 Datasheet
196Kb / 12P
   Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver
LT3439 LINER-LT3439_15 Datasheet
197Kb / 12P
   Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver
LT1683 LINER-LT1683 Datasheet
237Kb / 24P
   Ultralow Noise Push-Pull DC/DC Controller
logo
Allegro MicroSystems
A6818 ALLEGRO-A6818 Datasheet
266Kb / 7P
   Controlled output slew rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com