Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1578 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1578
Description  1.5A, 200kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1578_15 Datasheet HTML 7Page - Linear Technology LT1578_15 Datasheet HTML 8Page - Linear Technology LT1578_15 Datasheet HTML 9Page - Linear Technology LT1578_15 Datasheet HTML 10Page - Linear Technology LT1578_15 Datasheet HTML 11Page - Linear Technology LT1578_15 Datasheet HTML 12Page - Linear Technology LT1578_15 Datasheet HTML 13Page - Linear Technology LT1578_15 Datasheet HTML 14Page - Linear Technology LT1578_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LT1578/LT1578-2.5
APPLICATIONS INFORMATION
II
VV
V
fL V
PEAK
OUT
OUT
IN
OUT
IN
=+
()
()( )( )
2
VIN = Maximum input voltage
f = Switching frequency, 200kHz
3. Decide if the design can tolerate an “open” core geom-
etry like a rod or barrel, with high magnetic field
radiation, or whether it needs a closed core like a toroid
to prevent EMI problems. One would not want an open
core next to a magnetic storage media, for instance!
This is a tough decision because the rods or barrels are
temptingly cheap and small and there are no helpful
guidelines to calculate when the magnetic field radia-
tion will be a problem.
4. Start shopping for an inductor (see representative
surface mount units in Table 1) which meets the
requirements of core shape, peak current (to avoid
saturation), average current (to limit heating), and fault
current (if the inductor gets too hot, wire insulation will
melt and cause turn-to-turn shorts). Keep in mind that
all good things like high efficiency, low profile, and high
temperature operation will increase cost, sometimes
dramatically. Get a quote on the cheapest unit first to
calibrate yourself on price, then ask for what you really
want.
5. After making an initial choice, consider the secondary
things like output voltage ripple, second sourcing, etc.
Use the experts in the Linear Technology’s applica-
tions department if you feel uncertain about the final
choice. They have experience with a wide range of
inductor types and can tell you about the latest devel-
opments in low profile, surface mounting, etc.
Table 1
SERIES
CORE
VENDOR/
VALUE
DC
CORE
RESIS-
MATER- HEIGHT
PART NO.
(
µH) (Amps) TYPE TANCE()
IAL
(mm)
Coiltronics
CTX15-2
15
1.7
Tor
0.059
KM
µ
6.0
CTX33-2
33
1.4
Tor
0.106
KM
µ
6.0
CTX68-4
68
1.2
Tor
0.158
KM
µ
6.4
CTX15-1P
15
1.4
Tor
0.087
52
4.2
CTX33-2P
33
1.3
Tor
0.126
52
6.0
CTX68-4P
68
1.1
Tor
0.238
52
6.4
Sumida
CDRH74-150
15
1.47
SC
0.081
Fer
4.5
CDH115-330
33
1.68
SC
0.082
Fer
5.2
CDRH125-680
68
1.5
SC
0.12
Fer
6
CDH74-330
33
1.45
SC
0.17
Fer
5.2
Coilcraft
DO3308P-153
15
2
SC
0.12
Fer
3
DO3316P-333
33
2
SC
0.1
Fer
5.21
DO3316P-683
68
1.4
SC
0.18
Fer
5.21
Pulse
PE-53602
35
1.4
Tor
0.166
Fer
9.1
PE-53604
73
1.3
Tor
0.290
Fer
9.1
PE-53632
22
2.7
Tor
0.063
Fer
9.1
PE-53633
40
2.7
Tor
0.085
Fer
10
Gowanda
SMP3316-152K
15
3.5
SC
0.041
Fer
6
SMP3316-332K
33
2.3
SC
0.092
Fer
6
SMP3316-682K
68
1.7
SC
0.178
Fer
6
Tor = Toroid
SC = Semi-closed geometry
Fer = Ferrite core material
52 = Type 52 powdered iron core material
KM
µ = Kool Mµ


Similar Part No. - LT1578_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578C LINER-LT1578C Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578CS8 LINER-LT1578CS8 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578CS8-2.5 LINER-LT1578CS8-2.5 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1578_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com