Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT689B Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FZT689B
Description  20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT689B Datasheet(HTML) 6 Page - Diodes Incorporated

  FZT689B_15 Datasheet HTML 1Page - Diodes Incorporated FZT689B_15 Datasheet HTML 2Page - Diodes Incorporated FZT689B_15 Datasheet HTML 3Page - Diodes Incorporated FZT689B_15 Datasheet HTML 4Page - Diodes Incorporated FZT689B_15 Datasheet HTML 5Page - Diodes Incorporated FZT689B_15 Datasheet HTML 6Page - Diodes Incorporated FZT689B_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT689B
Document number: DS33155 Rev. 4 - 2
6 of 7
www.diodes.com
May 2015
© Diodes Incorporated
FZT689B
5
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
A1
A
D
b
e
e1
b1
C
E1
L
0°-10°
Q
E
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2


Similar Part No. - FZT689B_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FZT689BTA FAIRCHILD-FZT689BTA Datasheet
115Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - FZT689B_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19020DG DIODES-ZXTN19020DG Datasheet
350Kb / 8P
   20V NPN high gain transistor in SOT223
ZXTN25020DG DIODES-ZXTN25020DG Datasheet
224Kb / 6P
   20V NPN high gain transistor in SOT223
ZXTN19020DG DIODES-ZXTN19020DG_15 Datasheet
907Kb / 7P
   20V NPN HIGH GAIN TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BTA DIODES-FZT692BTA Datasheet
1Mb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1048A DIODES-FZT1048A_15 Datasheet
506Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com