Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT591 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT591
Description  60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT591 Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT591_15 Datasheet HTML 1Page - Diodes Incorporated FZT591_15 Datasheet HTML 2Page - Diodes Incorporated FZT591_15 Datasheet HTML 3Page - Diodes Incorporated FZT591_15 Datasheet HTML 4Page - Diodes Incorporated FZT591_15 Datasheet HTML 5Page - Diodes Incorporated FZT591_15 Datasheet HTML 6Page - Diodes Incorporated FZT591_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT591
Document number: DS33142 Rev. 5 - 2
1 of 7
www.diodes.com
June 2015
© Diodes Incorporated
FZT591
A Product Line of
Diodes Incorporated
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > -60V
IC = -1A High Continuous Current
Low Saturation Voltage VCE(sat) < -600mV @ -1A
Complementary NPN Type: FZT491
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Applications
Power MOSFET & IGBT Gate Driving
Low Loss Power Switching
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT591TA
FZT591
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT
591
FZT 591 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)


Similar Part No. - FZT591_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT591 KEXIN-FZT591_15 Datasheet
365Kb / 1P
   PNP Transistors
More results

Similar Description - FZT591_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT951 DIODES-FZT951_15 Datasheet
665Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG Datasheet
371Kb / 8P
   60V PNP medium transistor in SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com