Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT6520 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT6520
Description  350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT6520 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT6520_15 Datasheet HTML 1Page - Diodes Incorporated FMMT6520_15 Datasheet HTML 2Page - Diodes Incorporated FMMT6520_15 Datasheet HTML 3Page - Diodes Incorporated FMMT6520_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FMMT6520
Document Number: DS33123 Rev. 3 - 2
2 of 4
www.diodes.com
August 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT6520
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-350
V
Collector-Emitter Voltage
VCEO
-350
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-500
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 4)
PD
330
mW
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
379
°C/W
Thermal Resistance, Junction to Lead
(Note 5)
RθJL
350
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted FR4 PCB with minimum recommended pad layout; high coverage of single sided 1 oz copper, in still air conditions; the
device is measured when operating in a steady-state condition.
5. Thermal resistance from junction to solder-point (at the end of the collector lead).
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-350
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 6)
BVCEO
-350
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -10µA
Collector Cutoff Current
ICBO
-50
nA
VCB = -250V
Emitter Cutoff Current
IEBO
-50
nA
VEB = -3V
Static Forward Current Transfer Ratio
(Note 6)
hFE
20
30
30
20
15
200
200
IC = -1mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -30mA, VCE = -10V
IC = -50mA, VCE = -10V
IC = -100mA, VCE = -10V
Collector-Emitter Saturation Voltage
(Note 6)
VCE(sat)
-300
-350
-500
-1000
mV
mV
mV
mV
IC =- 10mA, IB = -1mA
IC =- 20mA, IB = -2mA
IC = -30mA, IB = -3mA
IC = -50mA, IB = -5mA
Base-Emitter Saturation Voltage(Note 6)
VBE(sat)
-750
-850
-900
mV
IC = -10mA, IB = -1mA
IC = -20mA, IB = -2mA
IC = -30mA, IB = -3mA
Base-Emitter Turn-On Voltage(Note 6)
VBE(on)
-2.0
V
IC = -100mA, VCE = -10V
Output Capacitance
Cobo
6
pF
VCB = -20V, f = 1MHz
Transition Frequency
fT
50
MHz
VCE = -20V, IC = -10mA,
f = 20MHz
Note:
6. Measured under pulsed conditions. Pulse width
300 µs. Duty cycle ≤ 2%


Similar Part No. - FMMT6520_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
   350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
More results

Similar Description - FMMT6520_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
   350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT549 DIODES-FMMT549_15 Datasheet
225Kb / 5P
   30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT549TA DIODES-FMMT549TA Datasheet
225Kb / 5P
   30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
   150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
logo
Zetex Semiconductors
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA93 ZETEX-FMMTA93 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92_15 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
FMMTA92TA ZETEX-FMMTA92TA Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520 Datasheet
60Kb / 1P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com