Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z1PK104LH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # Z1PK104LH
Description  Schottky Barrier Diode Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

Z1PK104LH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  Z1PK104LH Datasheet HTML 1Page - Zowie Technology Corporation Z1PK104LH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(40V / 1.0A)
Z1PK104LH
2014/01
REV. 1
FIG.1 - FORWARD CURRENT DERATING CURVE
1.0
0.5
0
0
25
50
75
100
125
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.2X0.2"(5.0X5.0mm)
COPPER PAD AREAS
LEAD TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
0
5
10
15
25
20
1
10
100
0
.001
10
0.01
0.10
1.00
0.2
0.3
0.1
0.4
0.6
0.5
0.7
FORWARD VOLTAGE, (V)
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Ta=25
oC
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
f=1.0MHz
Vsig=50mVP-P
REVERSE VOLTAGE, VOLTS
0
400
1.0
10
100
100
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
.001
0
20
0.10
1.0
10
100
40
60
80
100
120
140
TJ=80
oC
TJ=25
oC


Similar Part No. - Z1PK104LH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
Z1PK104H ZOWIE-Z1PK104H Datasheet
306Kb / 2P
   Schottky Barrier Diode
Z1PK104SH ZOWIE-Z1PK104SH Datasheet
61Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - Z1PK104LH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
Z2PK104LH ZOWIE-Z2PK104LH Datasheet
70Kb / 2P
   Schottky Barrier Diode Halogen-free type
Z1PK054H ZOWIE-Z1PK054H Datasheet
51Kb / 2P
   Schottky Barrier Diode Halogen-free type
BAT54HT1GH ZOWIE-BAT54HT1GH Datasheet
43Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RSGH ZOWIE-BAT54RSGH Datasheet
81Kb / 3P
   Schottky Barrier Diode Lead free product Halogen - free type
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
RB491DGH ZOWIE-RB491DGH Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54WGH ZOWIE-BAT54WGH Datasheet
121Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
RB521S-30GH ZOWIE-RB521S-30GH Datasheet
359Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54CWGH ZOWIE-BAT54CWGH Datasheet
49Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RGH ZOWIE-BAT54RGH Datasheet
128Kb / 4P
   Schottky Barrier Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com