Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130137-0213 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130137-0213
Description  Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided, One Box/Phase on 3.05m Center
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130137-0213 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130137-0213 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130137-0213
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Super-Safeway® Factory-Wired, 3-Phase Stringer Set, 2-Sided, One Box/Phase on
3.05m Center, Color-Coded NEMA 5-20 Receptacles, 12/5 SOW Cord
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Power Distribution
Series
130137
Enclosure Rating
N/A
GFCI Reset
N/A
Mounting Style
Portable
Open Neutral Relay
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-7737
Product Name
Super-Safeway™
Receptacle Type
Duplex
Type
3-Phase Stringer Set
UPC
78678874563
Woodhead
Yes
Physical
Cord Diameter
18.03mm (.710")
Cord Grip Body Size
F3 3/4"
Cord Length
9.14m (30.0')
Feed-Thru
Yes
Flip Lid
No
Material - Housing
Rubber
Number of Receptacles
12
Packaging Type
Carton
Electrical
Cord Type
12/5 SOW
Current - Maximum per Contact
20.0A
GFCI
No
Ground Continuity Monitor
No
NEMA Configuration
NEMA 5-20
Voltage - Maximum
250V
Material Info
Old Part Number
3095-000
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130137Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130137-0213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130137-0211 MOLEX11-130137-0211 Datasheet
42Kb / 1P
   Super-Safeway Multiple Outlet Box, Black, Extended Depth
130137-0214 MOLEX11-130137-0214 Datasheet
49Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided, One Box/Phase on 3.05m Center
130137-0216 MOLEX11-130137-0216 Datasheet
44Kb / 1P
   Super-Safeway Multiple Outlet Box, Extended Depth
130137-0217 MOLEX11-130137-0217 Datasheet
42Kb / 1P
   Super-Safeway Multiple Outlet Box, Extended Depth
More results

Similar Description - 130137-0213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130137-0214 MOLEX11-130137-0214 Datasheet
49Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided, One Box/Phase on 3.05m Center
1301370213 MOLEX11-1301370213 Datasheet
34Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
1301370214 MOLEX11-1301370214 Datasheet
34Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
130135-0177 MOLEX11-130135-0177 Datasheet
49Kb / 1P
   Super-Safeway Multiple Outlet Box, 2-Sided 3 Phase
130135-0181 MOLEX11-130135-0181 Datasheet
49Kb / 1P
   Super-Safeway Multiple Outlet Box, 2-Sided, 3 Phase
130135-0173 MOLEX11-130135-0173 Datasheet
24Kb / 1P
   Super-Safeway Multiple Outlet Box, 2-Sided
130138-0061 MOLEX11-130138-0061 Datasheet
36Kb / 1P
   Super-Safeway Three-Phase, Multiple Outlet Box
130138-0097 MOLEX11-130138-0097 Datasheet
36Kb / 1P
   Super-Safeway Single-Phase, Multiple Outlet Box
130138-0053 MOLEX11-130138-0053 Datasheet
36Kb / 1P
   Super-Safeway Single-Phase, Multiple Outlet Box
130138-0057 MOLEX11-130138-0057 Datasheet
36Kb / 1P
   Super-Safeway Multiple Outlet Box, Single Phase
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com