Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM103 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FFM103
Description  1A FAST RECOVERY SMA DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFM103 Datasheet(HTML) 1 Page - Leshan Radio Company

  FFM103 Datasheet HTML 1Page - Leshan Radio Company FFM103 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
49A–1/2
1A
1A FAST RECOVERY SMA DIODES
TYPE
V
RRM(V)
I
F (A)
V
F(V)
I
RMI(µA)
I
P8M(A)
T
rr(ns)
Marking
Package
Dimensions
FFM101 – FFM107
DO – 214AC
.008
MAX
(.2)
.051(1.3)
.008(0.2)
.059(1.5)
.035(0.9)
.209(5.3)
.185(4.7)
.059(1.5)
.035(0.9)
.110(2.8)
.086(2.2)
A
B
C
D
E
F
G
H
GH
DE
F
AB
C
.067(1.7)
.051(1.3)
.091(2.3)
.067(1.7)
DO – 214AC
FFM101
FFM102
FFM103
FFM104
FFM105
FFM106
FFM107
FF1
FF2
FF3
FF4
FF5
FF6
FF7
50
100
200
400
600
800
1000
1.3
1.0
5.0
30
150
250
500
Trr
I F =1A, I R = 0.5A, I RR = 0.25A
Trr Test Conditions: I F = 1A, I R= 0.5A, I RR = 0.25A


Similar Part No. - FFM103

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM103 FORMOSA-FFM103 Datasheet
68Kb / 2P
   Fast recovery type
logo
Rectron Semiconductor
FFM103 RECTRON-FFM103 Datasheet
33Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Diotech Company.
FFM103 DIOTECH-FFM103 Datasheet
684Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM103 TAYCHIPST-FFM103 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DIOTEC Electronics Corp...
FFM103 DEC-FFM103 Datasheet
684Kb / 2P
   For surface mounted applications
More results

Similar Description - FFM103

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
   1A FAST RECOVERY SMA DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
1F1 LRC-1F1 Datasheet
51Kb / 2P
   1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
   1A FAST RECOVERY DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
1N4933 LRC-1N4933 Datasheet
56Kb / 2P
   1A FAST RECOVERY DIODES
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
   1A FAST RECOVERY DIODES
SS12 LRC-SS12 Datasheet
68Kb / 2P
   1A SCHOTTKY SMA DIODES
FM401 LRC-FM401 Datasheet
52Kb / 2P
   1A GLASS PASSIVATED SMA DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com