Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM401 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # FM401
Description  1A GLASS PASSIVATED SMA DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FM401 Datasheet(HTML) 2 Page - Leshan Radio Company

  FM401 Datasheet HTML 1Page - Leshan Radio Company FM401 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
47A–2/2
FM401 – FM407
1A
RATING & CHARACTERISTIC CURVES OF 1A SMA DIODES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, (ºC)
0
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
2
4
6
8 102040
60 80100
50
40
30
20
10
0
FIG. 3 - MAXINUM NON-REPETITIVE
FOWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.6
0.8
1.0
1.2
1.4
1.5
TJ =25ºC
Pulse Width=300
µs
1% Duty Cycle
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
TJ =25ºC
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
10
1
0.1
0.01
REVERSE VOLTAGE,(V)
.1
.2
.4
1.0
2
4
10
20
40
100
TJ =100ºC
TJ =25ºC
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load


Similar Part No. - FM401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FM401 LRC-FM401 Datasheet
178Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50
logo
AiT Semiconductor Inc.
FM401 AITSEMI-FM401 Datasheet
503Kb / 5P
   GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
logo
Leshan Radio Company
FM401 LRC-FM401_12 Datasheet
178Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50
More results

Similar Description - FM401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SS12 LRC-SS12 Datasheet
68Kb / 2P
   1A SCHOTTKY SMA DIODES
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
   1A FAST RECOVERY SMA DIODES
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
SUNMATE electronic Co.,...
HER601G SUNMATE-HER601G Datasheet
342Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER101G SUNMATE-HER101G Datasheet
382Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
logo
Cystech Electonics Corp...
CSMA20XSA CYSTEKEC-CSMA20XSA Datasheet
176Kb / 4P
   2.0Amp. Glass Passivated Diodes
logo
SUNMATE electronic Co.,...
HER301G SUNMATE-HER301G Datasheet
380Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER501G SUNMATE-HER501G Datasheet
282Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
logo
Frontier Electronics.
1N4933G FRONTIER-1N4933G_16 Datasheet
947Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com