Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM103 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # EFM103
Description  1A FAST RECOVERY SMA DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EFM103 Datasheet(HTML) 1 Page - Leshan Radio Company

  EFM103 Datasheet HTML 1Page - Leshan Radio Company EFM103 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
50A–1/2
1A
1A FAST RECOVERY SMA DIODES
TYPE
V
RRM(V)
I
F (A)
V
F(V)
I
RMI(µA)
I
P8M(A)
T
rr(ns)
Marking
Package
Dimensions
EFM101 – EFM106
DO – 214AC
.008
MAX
(.2)
.051(1.3)
.008(0.2)
.059(1.5)
.035(0.9)
.209(5.3)
.185(4.7)
.059(1.5)
.035(0.9)
.110(2.8)
.086(2.2)
A
B
C
D
E
F
G
H
GH
DE
F
AB
C
.067(1.7)
.051(1.3)
.091(2.3)
.067(1.7)
DO – 214AC
Trr
I F =1A, I R = 0.5A, I RR = 0.25A
Trr Test Conditions: I F = 1A, I R= 0.5A, I RR = 0.25A
50
100
150
200
300
400
0.95
0.95
0.95
0.95
1.25
1.25
1.0
5.0
30
35
EFM101
EFM102
EFM103
EFM104
EFM105
EFM106
EF1
EF2
EF3
EF4
EF5
EF6


Similar Part No. - EFM103

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM103 RECTRON-EFM103 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM103 RECTRON-EFM103 Datasheet
559Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Shenzhen Taychipst Elec...
EFM103 TAYCHIPST-EFM103 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATEDSUPER FAST SILICON RECTIFIER
logo
Leshan Radio Company
EFM103 LRC-EFM103 Datasheet
196Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rectron Semiconductor
EFM103 RECTRON-EFM103 Datasheet
253Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
More results

Similar Description - EFM103

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
1F1 LRC-1F1 Datasheet
51Kb / 2P
   1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
   1A FAST RECOVERY DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
1N4933 LRC-1N4933 Datasheet
56Kb / 2P
   1A FAST RECOVERY DIODES
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
   1A FAST RECOVERY DIODES
SS12 LRC-SS12 Datasheet
68Kb / 2P
   1A SCHOTTKY SMA DIODES
FM401 LRC-FM401 Datasheet
52Kb / 2P
   1A GLASS PASSIVATED SMA DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com