Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78C17 Datasheet(PDF) 22 Page - NEC

Part # UPD78C17
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C17 Datasheet(HTML) 22 Page - NEC

Back Button UPD78C17 Datasheet HTML 18Page - NEC UPD78C17 Datasheet HTML 19Page - NEC UPD78C17 Datasheet HTML 20Page - NEC UPD78C17 Datasheet HTML 21Page - NEC UPD78C17 Datasheet HTML 22Page - NEC UPD78C17 Datasheet HTML 23Page - NEC UPD78C17 Datasheet HTML 24Page - NEC UPD78C17 Datasheet HTML 25Page - NEC UPD78C17 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
22
µPD78C17,78C18
2.5
PORT FUNCTIONS
(1)
PA7 to PA0 (PORT A)
This is an 8-bit input/output port which has input/output buffer and output latch functions. Port A can
be set as to input or output bit-wise using the MODE A register. And
µPD78C18 port A pull-up resistor
specification is performed bit-wise by mask option.
Port A is set as follows when setting the input port or after reset.
High-impedance : Without pull-up resistor
High level
: With pull-up resistor
Fig. 2-5 Port A
(a)
When specified as output port (MAn = 0)
The output latch is effective, enabling data exchange by a transfer instruction between the output latch
and the accumulator. Direct bit setting/resetting of output latch contents is possible by an arithmetic or
logical operation instruction without the use of an accumulator. Once data is written to the output latch,
the data is held until a port A manipulation instruction is executed or the data is reset.
Fig. 2-6 Port A Specified as Output Port
Note Only
µPD78C18
V DD
MAn
Latch
WRM
Output
Latch
WRP
RDO
RDI
Output
Buffer
Mask OptionNote
PAn
V DD
Output
Latch
WRP
RDO
Mask OptionNote
PAn
Note Only
µPD78C18


Similar Part No. - UPD78C17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78C17 RENESAS-UPD78C17 Datasheet
3Mb / 112P
   MOS INTEGRATED CIRCUIT
1992
UPD78C17A RENESAS-UPD78C17A Datasheet
3Mb / 112P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD78C17

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
   8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com