Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78C17 Datasheet(PDF) 91 Page - NEC

Part # UPD78C17
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C17 Datasheet(HTML) 91 Page - NEC

Back Button UPD78C17 Datasheet HTML 87Page - NEC UPD78C17 Datasheet HTML 88Page - NEC UPD78C17 Datasheet HTML 89Page - NEC UPD78C17 Datasheet HTML 90Page - NEC UPD78C17 Datasheet HTML 91Page - NEC UPD78C17 Datasheet HTML 92Page - NEC UPD78C17 Datasheet HTML 93Page - NEC UPD78C17 Datasheet HTML 94Page - NEC UPD78C17 Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
91
µPD78C17,78C18
AC CHARACTERISTICS (TA = –40 to +85
°C, VDD = AVDD = +5.0 V ±10 %, VSS = AVSS = 0 V)
Read/write Operation:
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
X1 input cycle time
tCYC
66
250
ns
Address setup time (to ALE
↓ )tAL
fXX = 15 MHz, CL = 100 pF
30
ns
Address hold time (from ALE
↓ )tLA
35
ns
RD
↓ delay time from address
tAR
100
ns
Address float time from RD
tAFR
CL = 100 pF
20
ns
Data input time from address
tAD
fXX = 15 MHz, CL = 100 pF
250
ns
Data input time from ALE
tLDR
135
ns
Data input time from RD
tRD
120
ns
RD
↓ delay time from ALE ↓
tLR
15
ns
Data hold time (from RD
↑ )tRDH
CL = 100 pF
0
ns
ALE
↑ delay time from RD ↑
tRL
fXX = 15 MHz, CL = 100 pF
80
ns
RD low-level width
tRR
In Data Read
215
ns
fXX = 15 MHz, CL = 100 pF
In OP Code Fetch
415
ns
fXX = 15 MHz, CL = 100 pF
ALE high-level width
tLL
fXX = 15 MHz, CL = 100 pF
90
ns
M1 setup time (to ALE
↓ )tML
fXX = 15 MHz
30
ns
M1 hold time (from ALE
↓ )tLM
35
ns
IO/M setup time (to ALE
↓ )tIL
30
ns
IO/M hold time (from ALE
↓ )tLI
35
ns
WR
↓ delay time from address
tAW
fXX = 15 MHz, CL = 100 pF
100
ns
Data output time from ALE
tLDW
180
ns
Data output time from WR
tWD
CL = 100 pF
100
ns
WR
↓ delay time from ALE ↓
tLW
fXX = 15 MHz, CL = 100 pF
15
ns
Data setup time (to WR
↑ )tDW
165
ns
Data hold time (from WR
↑ )tWDH
60
ns
ALE
↑ delay time from WR ↑
tWL
80
ns
WR low-level width
tWW
215
ns


Similar Part No. - UPD78C17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78C17 RENESAS-UPD78C17 Datasheet
3Mb / 112P
   MOS INTEGRATED CIRCUIT
1992
UPD78C17A RENESAS-UPD78C17A Datasheet
3Mb / 112P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD78C17

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
   8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com