Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2153-14 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2153-14
Description  14-Bit 310Msps ADC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2153-14 Datasheet(HTML) 5 Page - Linear Technology

  LTC2153-14_15 Datasheet HTML 1Page - Linear Technology LTC2153-14_15 Datasheet HTML 2Page - Linear Technology LTC2153-14_15 Datasheet HTML 3Page - Linear Technology LTC2153-14_15 Datasheet HTML 4Page - Linear Technology LTC2153-14_15 Datasheet HTML 5Page - Linear Technology LTC2153-14_15 Datasheet HTML 6Page - Linear Technology LTC2153-14_15 Datasheet HTML 7Page - Linear Technology LTC2153-14_15 Datasheet HTML 8Page - Linear Technology LTC2153-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
215314fa
LTC2153-14
For more information www.linear.com/LTC2153-14
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL DATA OUTPUTS
VOD
Differential Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
l
247
125
350
175
454
250
mV
mV
VOS
Common Mode Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
l
1.125
1.125
1.250
1.250
1.375
1.375
V
V
RTERM
On-Chip Termination Resistance
Termination Enabled, OVDD = 1.8V
100
Ω
DigiTal inpuTs anD ouTpuTs The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
TiMing characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 9)
l
10
310
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
1.5
1.2
1.61
1.61
50
50
ns
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
1.5
1.2
1.61
1.61
50
50
ns
ns
DIGITAL DATA OUTPUTS
MIN
TYP
MAX
UNITS
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.7
2
2.3
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1.3
1.6
2
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0.3
0.4
0.55
ns
Pipeline Latency
6
6
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode CSDO= 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Set-Up Time
l
5
ns
tH
SCK to CS Hold Time
l
5
ns
tDS
SDI Set-Up Time
l
5
ns
tDH
SDI Hold Time
l
5
ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 310MHz, differential ENC+/ENC=
2VP-P sine wave, input range = 1.32VP-P with differential drive, unless
otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5LSB when the
output code flickers between 00 0000 0000 0000 and 11 1111 1111 1111
in 2’s complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.


Similar Part No. - LTC2153-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2153-14 LINER-LTC2153-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC2153-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2158-14 LINER-LTC2158-14_15 Datasheet
790Kb / 28P
   Dual 14-Bit 310Msps ADC
LTC2153-12 LINER-LTC2153-12_15 Datasheet
592Kb / 24P
   12-Bit 310Msps ADC
LTC2158-12 LINER-LTC2158-12_15 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
logo
Linear Dimensions Semic...
LTC2158-12 LINEAR_DIMENSIONS-LTC2158-12 Datasheet
545Kb / 28P
   Dual 12-Bit 310Msps ADC
logo
Linear Technology
LTC2158-12 LINER-LTC2158-12 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com