Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8SB100 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # D8SB100
Description  84(SIP) BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D8SB100 Datasheet(HTML) 1 Page - Leshan Radio Company

  D8SB100 Datasheet HTML 1Page - Leshan Radio Company D8SB100 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
21C–1/2
D8SB10 – D8SB100
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA=70°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =4.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
Operating
Junction
Temperature
VF
VPK
Maximum
Peak
Reverse
Voltage
8A(SIP)
8A(SIP) BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase,half wave,
60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
D8SB10
D8SB20
D8SB40
D8SB60
D8SB80
D8SB100
100
200
400
600
800
1000
8
175
1.1
5
500
150
D8SB
.043(1.1)
.036(0.9)
.405(10.3)
.382(9.7)
φ .142(3.6)
φ .126(3.2)
.789(18.0)
.669(17.0)
.303(7.7)
.287(7.3)
.779(20.3)
.775(19.7)
1.193(30.3)
1.169(29.7)
.098(2.5)
.079(2.0)
C3
.189(4.8)
.173(4.4)
.160(3.8)
.134(3.4)
.779(20.3)
.776(19.7)
.709(18.0)
.669(17.0)
.032(0.8)
.024(0.6)
.142(3.6)
.126(3.2)
.441(11.2)
.425(10.8)
D8SB


Similar Part No. - D8SB100

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D8SB100 SSE-D8SB100 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
More results

Similar Description - D8SB100

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D15SB10 LRC-D15SB10 Datasheet
62Kb / 2P
   15A(SIP) BRIDGE RECTIFIERS
D10SB10 LRC-D10SB10 Datasheet
60Kb / 2P
   10A(SIP) BRIDGE RECTIFIERS
RB150 LRC-RB150 Datasheet
53Kb / 2P
   1.5A RB SERIES SIP BRIDGE RECTIFIERS
RB201 LRC-RB201 Datasheet
58Kb / 2P
   2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
logo
PHOENIX CONTACT
2836272 PHOENIX-2836272 Datasheet
49Kb / 2P
   Insertion bridge - EB 84 IB ST RD
2836269 PHOENIX-2836269 Datasheet
51Kb / 2P
   Insertion bridge - EB 84 IB ST BU
09/12/2020
logo
SUNMATE electronic Co.,...
D5SB20 SUNMATE-D5SB20 Datasheet
692Kb / 2P
   SINGLE PHASE GLASSPASSIVATED SIP BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
D10SB10 SSE-D10SB10 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D15SB10 SSE-D15SB10 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
D5SB10 SSE-D5SB10 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com