Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1850 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1850
Description  8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1850 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1850_15 Datasheet HTML 5Page - Linear Technology LTC1850_15 Datasheet HTML 6Page - Linear Technology LTC1850_15 Datasheet HTML 7Page - Linear Technology LTC1850_15 Datasheet HTML 8Page - Linear Technology LTC1850_15 Datasheet HTML 9Page - Linear Technology LTC1850_15 Datasheet HTML 10Page - Linear Technology LTC1850_15 Datasheet HTML 11Page - Linear Technology LTC1850_15 Datasheet HTML 12Page - Linear Technology LTC1850_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1850/LTC1851
18501f
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT FREQUENCY (Hz)
0
50
60
70
80
90
100
110
2M
4M
6M
8M
LTC1850/51 G17
10M
LIMIT OF MEASUREMENT
Channel-to-Channel Isolation
(Worst Pair), Bipolar Mode,
PGA =1
INPUT FREQUENCY (Hz)
0
50
60
70
80
90
100
110
2M
4M
6M
8M
LTC1850/51 G15
10M
LIMIT OF MEASUREMENT
Channel-to-Channel Isolation
(Worst Pair), Unipolar Mode,
PGA = 0
FREQUENCY (Hz)
0
50
60
70
80
90
100
110
2M
4M
6M
8M
LTC1850/51 G18
10M
LIMIT OF MEASUREMENT
Channel-to-Channel Isolation
(Worst Pair), Unipolar Mode,
PGA = 1
INPUT FREQUENCY (Hz)
0
50
60
70
80
90
100
110
2M
4M
6M
8M
LTC1850/51 G12
10M
LIMIT OF MEASUREMENT
Channel-to-Channel Isolation
(Worst Pair) Bipolar Mode,
PGA = 0


Similar Part No. - LTC1850_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1850CFW LINER-LTC1850CFW Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1850IFW LINER-LTC1850IFW Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
More results

Similar Description - LTC1850_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1851 LINER-LTC1851_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1377 MAXIM-MAX1377 Datasheet
2Mb / 25P
   Dual, 12-Bit, 1.25Msps Simultaneous-Sampling ADCs with Serial Interface
19-4126; Rev 1; 2/09
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Linear Technology
LTC1415 LINER-LTC1415 Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com