Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1605-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1605-2
Description  Single Supply 16-Bit, 100ksps, Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1605-2_15 Datasheet HTML 6Page - Linear Technology LTC1605-2_15 Datasheet HTML 7Page - Linear Technology LTC1605-2_15 Datasheet HTML 8Page - Linear Technology LTC1605-2_15 Datasheet HTML 9Page - Linear Technology LTC1605-2_15 Datasheet HTML 10Page - Linear Technology LTC1605-2_15 Datasheet HTML 11Page - Linear Technology LTC1605-2_15 Datasheet HTML 12Page - Linear Technology LTC1605-2_15 Datasheet HTML 13Page - Linear Technology LTC1605-2_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
DIGITAL INTERFACE
Internal Clock
The ADC has an internal clock that is trimmed to achieve
a typical conversion time of 7
µs. No external adjustments
are required and, with the typical acquisition time of 1
µs,
throughput performance of 100ksps is assured.
Timing and Control
Conversion start and data read are controlled by two
digital inputs: CS and R/C. To start a conversion and put
the sample-and-hold into the hold mode, bring CS and
R/C low for no less than 40ns. Once initiated, it cannot be
restarted until the conversion is complete. Converter
status is indicated by the BUSY output and this is low
while the conversion is in progress.
There are two modes of operation. The first mode is
shown in Figure 8. The digital input R/C is used to control
the start of conversion. CS is tied low. When R/C goes
low, the sample-and-hold goes into the hold mode and a
conversion is started. BUSY goes low and stays low
during the conversion and will go back high after the
conversion has been completed and the internal output
shift registers have been updated. R/C should remain low
for no less than 40ns. During the time R/C is low, the
Figure 8. Conversion Timing with Outputs Enabled After Conversion (CS Tied Low)
t1
t11
t2
t 4
t3
t7
t6
ACQUIRE
CONVERT
CONVERT
ACQUIRE
t5
t8
tACQ
tCONV
t9
PREVIOUS
DATA VALID
PREVIOUS
DATA VALID
HI-Z
NOT VALID
HI-Z
DATA
VALID
DATA
VALID
R/C
BUSY
MODE
DATA MODE
1605-1/2 F08
digital outputs are in a Hi-Z state. R/C should be brought
back high within 3
µs after the start of the conversion to
ensure that no errors occur in the digitized result. The
second mode, shown in Figure 9, uses the CS signal to
control the start of a conversion and the reading of the
digital output. In this mode, the R/C input signal should
be brought low no less than 10ns before the falling edge
of CS. The minimum pulse width for CS is 40ns. When CS
falls, BUSY goes low and will stay low until the end of the
conversion. BUSY will go high after the conversion has
been completed. The new data is valid when CS is
brought back low again to initiate a read. Again, it is
recommended that both R/C and CS return high within
3
µs after the start of the conversion.
Output Data
The output data can be read as a 16-bit word or it can be
read as two 8-bit bytes. The format of the output data is
straight binary for the LTC1605-1 and two’s complement
for the LTC1605-2. The digital input pin BYTE is used to
control the two byte read. With the BYTE pin low, the first
eight MSBs are output on the D15 to D8 pins and the eight
LSBs are output on the D7 to D0 pins. When the BYTE pin
is taken high, the eight LSBs replace the eight MSBs
(Figure 10).


Similar Part No. - LTC1605-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605-2CG LINER-LTC1605-2CG Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2CN LINER-LTC1605-2CN Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2IG LINER-LTC1605-2IG Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2IN LINER-LTC1605-2IN Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results

Similar Description - LTC1605-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Analog Devices
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com