Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8612 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8612
Description  42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8612 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8612_15 Datasheet HTML 3Page - Linear Technology LT8612_15 Datasheet HTML 4Page - Linear Technology LT8612_15 Datasheet HTML 5Page - Linear Technology LT8612_15 Datasheet HTML 6Page - Linear Technology LT8612_15 Datasheet HTML 7Page - Linear Technology LT8612_15 Datasheet HTML 8Page - Linear Technology LT8612_15 Datasheet HTML 9Page - Linear Technology LT8612_15 Datasheet HTML 10Page - Linear Technology LT8612_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT8612
7
8612f
For more information www.linear.com/LT8612
Typical perForMance characTerisTics
Switching Waveforms
Transient Response
Transient Response
Transient Response
Start-Up Dropout Performance
Start-Up Dropout Performance
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
2.5 LOAD
(2A IN REGULATION)
8612 G32
VIN
VOUT
ILOAD
1A/DIV
VOUT
200mV/DIV
20µs/DIV
1A TO 2A TRANSIENT
12VIN TO 5VOUT
COUT = 2×47µF
FRONT PAGE APP
8612 G30
ILOAD
1A/DIV
VOUT
200mV/DIV
50µs/DIV
0.1A TO 1.1A TRANSIENT
12VIN TO 5VOUT
COUT = 2×47µF
FRONT PAGE APP
8612 G29
ILOAD
1A/DIV
VOUT
200mV/DIV
20µs/DIV
1A TO 3A TRANSIENT
12VIN TO 5VOUT
COUT = 2×47µF
FRONT PAGE APP
8612 G31
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
20 LOAD
(250mA IN REGULATION)
8612 G33
VIN
VOUT
IL
1A/DIV
VSW
10V/DIV
500ns/DIV
36VIN TO 5VOUT AT 2A
FRONT PAGE APP
8612 G28


Similar Part No. - LT8612_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
   42V, 6A Micropower Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
1Mb / 38P
   42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8612 LINER-LT8612 Datasheet
1Mb / 26P
   60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8612 AD-LT8612 Datasheet
2Mb / 30P
   Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8612 AD-LT8612 Datasheet
2Mb / 20P
   High Efficiency 42V/120mA Synchronous Buck
More results

Similar Description - LT8612_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8613 LINER-LT8613_15 Datasheet
364Kb / 24P
   42V, 6A Synchronous Step-Down Regulator with Current Sense and 3A Quiescent Current
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Analog Devices
LT8609S AD-LT8609S Datasheet
1Mb / 24P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
logo
Linear Technology
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8613 LINER-LT8613 Datasheet
364Kb / 24P
   42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com