Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-68PDF-V520M176B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-68PDF-V520M176B
Description  1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68PDF-V520M176B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-68PDF-V520M176B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M176B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M176B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M176B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M176B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58
µm (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL
(WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS
(Tld=Tset, Tc=25
°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Threshold current
Ith
CW
-
10
25
mA
Operating current
Iop
CW, Pf=20mW
-
-
130
mA
Operating voltage
Vop
CW, Pf=20mW
-
-
2
V
Input impedance
Zin
Pf=20mW
-
25
-
W
Light-emission central
wavelength
λc
CW, Pf=20mW
(Note 1)
nm
Central wavelength drift with
case temp.
∆λc/∆Tc Tc=-20~70°C
-1
-
0
pm/
°C
Laser operating temperature
Tset
-
15
-
35
°C
Spectral line width
∆f
CW, Pf=20mW
-
-
20
MHz
Side mode suppression ratio
Sr
CW, Pf=20mW
33
40
-
dB
Cutoff frequency
(-1.5dB optical)
fc
Pf=20mW
2
-
-
GHz
Polarization extinction ratio
Ex
CW, Pf=20mW
20
25
-
dB
Relative intensity noise
Nr
CW, Pf=20mW,
0.5~3GHz
-
-155
-145
dB/Hz
Tracking error
(Note 2)
Er
Tc=-20~70
°C,
APC, ATC
-
-
0.5
dB
Differential efficiency
η
CW, Pf=20mW
0.15
-
-
mW/
mA
Monitor current
Imon
CW, Pf=20mW, Vrd=5V
0.2
-
4
mA
Tc=25°C
35
-
-
Optical isolation
Iso
Tc=-20~70
°C
23
-
-
dB
Dark current (PD)
Id
Vrd=5V, Tc=-20~70
°C
-
-
0.1
µA
Capacitance (PD)
Ct
Vrd=5V, f=1MHz
-
-
10
pF
Note 1) See Table 1.
Note 2) Er=max|10
×log(Pf / Pf@25°C)|


Similar Part No. - FU-68PDF-V520M176B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-68PDF-V520M176B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68PDF-V510MXXXB MITSUBISHI-FU-68PDF-V510MXXXB Datasheet
92Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXXB MITSUBISHI-FU-68SDF-V802MXXXB Datasheet
93Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXXB MITSUBISHI-FU-68SDF-V810MXXXB Datasheet
91Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com