Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6238 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6238
Description  Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6238 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6238_15 Datasheet HTML 6Page - Linear Technology LT6238_15 Datasheet HTML 7Page - Linear Technology LT6238_15 Datasheet HTML 8Page - Linear Technology LT6238_15 Datasheet HTML 9Page - Linear Technology LT6238_15 Datasheet HTML 10Page - Linear Technology LT6238_15 Datasheet HTML 11Page - Linear Technology LT6238_15 Datasheet HTML 12Page - Linear Technology LT6238_15 Datasheet HTML 13Page - Linear Technology LT6238_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT6236/LT6237/LT6238
10
623637fb
For more information www.linear.com/LT6236
elecTrical characTerisTics The
l
denotes the specifications which apply over the –40°C < TA < 125°C
temperature range. VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6236
LT6237MS8, LT6238GN
LT6237DD8
l
l
l
750
650
700
µV
µV
µV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
l
1000
µV
VOSTC
Input Offset Voltage Drift (Note 10)
LT6236
LT6237MS8
LT6237DD8
LT6238GN
l
l
l
l
0.7
0.5
0.4
0.5
2.2
1.8
2.2
2.2
µV/°C
µV/°C
µV/°C
µV/°C
IB
Input Bias Current
l
12
µA
IB Match (Channel-to-Channel) (Note 6)
l
1.1
µA
IOS
Input Offset Current
l
1.2
µA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
VO = ±4.5V, RL = 1k
VO = ±1.5V, RL = 100Ω
l
l
l
76
21
4.1
V/mV
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
l
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
l
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
85
dB
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
ISINK = 15mA
l
l
l
70
230
550
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
l
l
l
78
240
710
mV
mV
mV
ISC
Short-Circuit Current
l
±15
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = 4.85V
l
l
10
5.5
mA
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
l
–110
µA
VL
ENABLE Pin Input Voltage Low
l
0.3
V
VH
ENABLE Pin Input Voltage High
l
4.85
V
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
l
37
V/µs
FPBW
Full-Power Bandwidth
VOUT = 3VP-P (Note 9)
l
3.9
MHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current must be limited to less than
40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6236C/LT6236I/LT6236H, the LT6237C/LT6237I/LT6237H
and the LT6238C/LT6238I/LT6238H are guaranteed functional over the
temperature range of –40°C to 125°C.
Note 5: The LT6236C/LT6237C/LT6238C are guaranteed to meet specified
performance from 0°C to 70°C. The LT6236I/LT6237I/LT6238I are
guaranteed to meet specified performance from –40°C to 85°C.
The LT6236H/LT6237H/LT6238H are guaranteed to meet specified
performance from –40°C to 125°C. The LT6236C/LT6237C/LT6238C are
designed, characterized and expected to meet specified performance from
–40°C to 85°C, but are not tested or QA sampled at these temperatures.
Note 6: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6238 and between the two
amplifiers of the LT6237.
Note 7: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 8: Output voltage swings are measured between the output and
power supply rails.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 10: This parameter is not 100% tested.


Similar Part No. - LT6238_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6238 LINER-LT6238 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LT6238 LINER-LT6238 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT6238_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6230 LINER-LT6230_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com