Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX70JLT1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # BCX70JLT1
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCX70JLT1 Datasheet(HTML) 5 Page - Leshan Radio Company

  BCX70JLT1 Datasheet HTML 1Page - Leshan Radio Company BCX70JLT1 Datasheet HTML 2Page - Leshan Radio Company BCX70JLT1 Datasheet HTML 3Page - Leshan Radio Company BCX70JLT1 Datasheet HTML 4Page - Leshan Radio Company BCX70JLT1 Datasheet HTML 5Page - Leshan Radio Company BCX70JLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M16–5/6
TYPICAL DYNAMIC CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 13. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 14. Turn–Off Time
I
C , COLLECTOR CURRENT (mA)
Figure 15. Current–Gain — Bandwidth Product
V
R , REVERSE VOLTAGE (VOLTS)
Figure 16. Capacitance
I
C , COLLECTOR CURRENT (mA)
Figure 17. Input Impedance
I
C , COLLECTOR CURRENT (mA)
Figure 18. Output Admittance
t
d @ V BE(off)= 0.5 V
t
f
V
CC= 3.0 V
I
C /I B= 10
I
B1=IB2
T J= 25°C
t
f
t
s
5.0 V
C
ib
C
ob
T J= 25°C
f = 1.0MHz
V
CE= 10 Vdc
f = 1.0 kHz
T
A = 25°C
V
CE= 10 Vdc
f = 1.0 kHz
T
A= 25°C
h
fe
200 @ I
C= 1.0 mA
300
200
100
70
50
30
20
10
7.0
5.0
3.0
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
1000
700
500
300
200
100
70
50
30
20
10
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
500
300
200
100
70
50
0.5
0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
10.0
7.0
5.0
3.0
2.0
1.0
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
20
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
V
CC= 3.0 V
I
C /I B= 10
T J= 25°C
V
CE=20 V
T
J = 25°C
f=100MHz
h
fe
200 @ I
C= 1.0 mA
BCX70GLT1
BCX70JLT1
BCX70KLT1
~
~
~
~


Similar Part No. - BCX70JLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCX70JLT1 MOTOROLA-BCX70JLT1 Datasheet
427Kb / 8P
   General Purpose Transistors
More results

Similar Description - BCX70JLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com