Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STBP60L60A Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STBP60L60A
Description  Super high dense cell design for extremely low RDS(ON).7
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP60L60A Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STBP60L60A Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
STB/P60L60A
Symbol
VDS
VGS
IDM
EAS
1.2
62.5
W
A
PD
°C
125
-55 to 175
ID
Units
Parameter
60
65
190
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
°C/W
156
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Typ
60V
65A
15 @ VGS=10V
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220 & TO-263 package.
STB S ER IE S
TO-263(DD-P AK )
G
G
S
S
D
D
STP S ER IE S
TO-220
S
S
D
D
G
G
S
G
D
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
TC=25°C
-Pulsed
b
A
Avalanche Energy
d
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
Ver 3.0
www.samhop.com.tw
Oct,13,2011
1
Details are subject to change without notice.
A
54
TC=70°C
TC=70°C
87.5
W
Gr
P
Pr
P
P


Similar Part No. - STBP60L60A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
More results

Similar Description - STBP60L60A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
   Super High Dense Cell Design for Extremely Low RDS(ON)
logo
SamHop Microelectronics...
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP454 SAMHOP-STBP454 Datasheet
182Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
   Super high dense cell design for extremely low RDS(ON).
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP35N10 SAMHOP-STP35N10 Datasheet
139Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com