Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX1051A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FCX1051A
Description  SOT89 NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX1051A Datasheet(HTML) 3 Page - Diodes Incorporated

  FCX1051A_15 Datasheet HTML 1Page - Diodes Incorporated FCX1051A_15 Datasheet HTML 2Page - Diodes Incorporated FCX1051A_15 Datasheet HTML 3Page - Diodes Incorporated FCX1051A_15 Datasheet HTML 4Page - Diodes Incorporated FCX1051A_15 Datasheet HTML 5Page - Diodes Incorporated FCX1051A_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FCX1051A
Issue 2 - July 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (@ Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base
breakdown voltage
V(BR)CBO
150
V
IC = 100µA
Collector-emitter
breakdown voltage
VCES
150
V
IC = 100µA
Collector-emitter
breakdown voltage
VCEO
40
V
IC = 10mA
Collector-emitter
breakdown voltage
VCEV
150
V
IC =100µA, VEB = 1V
Emitter-base
breakdown voltage
V(BR)EBO
5
V
IE = 100µA
Collector cut-off
current
ICBO
0.3
10
nA
VCB = 120V
Emitter cut-off current
IEBO
0.3
10
nA
VEB = 4V
Collector emitter cut-
off current
ICES
0.3
10
nA
VCES = 120V
Collector-emitter
saturation voltage
VCE(sat)
17
25
mV
IC = 0.2A, IB = 10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width=300 s. Duty cycle
2%.
85
120
mV
IC = 1A, IB = 10mA (*)
140
180
mV
IC = 2A, IB = 20mA (*)
170
250
mV
IC = 3A, IB = 40mA (*)
250
340
mV
IC = 5A, IB = 100mA (*)
Base-emitter saturation
voltage
VBE(sat)
880
1000
mV
IC = 3A, IB = 40mA (*)
Base-emitter turn-on
voltage
VBE(on)
840
950
mV
IC = 3A, VCE = 2V (*)
Static forward current
transfer ratio
hFE
290
440
1200
IC = 10mA, VCE = 2V (*)
270
450
IC = 1A, VCE = 2V (*)
270
360
IC = 3A, VCE = 2V (*)
130
220
IC = 5A, VCE = 2V (*)
40
55
IC = 10A, VCE = 2V (*)
Transition frequency
fT
155
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output capacitance
Cobo
27
40
pF
VCB = 10V, f = 1MHz
Switching times
ton
220
ns
IC = 3A, IB = 30mA, VCC = 10V
toff
540
ns
IC = 3A, IB = 30mA, VCC = 10V


Similar Part No. - FCX1051A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX1051ATA DIODES-FCX1051ATA Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
More results

Similar Description - FCX1051A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX1051A DIODES-FCX1051A Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
FCX1053A DIODES-FCX1053A Datasheet
427Kb / 6P
   SOT89 NPN medium power transistor
logo
Zetex Semiconductors
FCX1053A ZETEX-FCX1053A_06 Datasheet
419Kb / 6P
   SOT89 NPN medium power transistor
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN19055DZ DIODES-ZXTN19055DZ Datasheet
396Kb / 6P
   55V, SOT89, NPN medium power transistor
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
   40V, SOT89, NPN medium power transistor
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
   40V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
   10V NPN MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com