Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784224GK Datasheet(PDF) 1 Page - NEC

Part # UPD784224GK
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784224GK Datasheet(HTML) 1 Page - NEC

  UPD784224GK Datasheet HTML 1Page - NEC UPD784224GK Datasheet HTML 2Page - NEC UPD784224GK Datasheet HTML 3Page - NEC UPD784224GK Datasheet HTML 4Page - NEC UPD784224GK Datasheet HTML 5Page - NEC UPD784224GK Datasheet HTML 6Page - NEC UPD784224GK Datasheet HTML 7Page - NEC UPD784224GK Datasheet HTML 8Page - NEC UPD784224GK Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
DATA SHEET
©
1997, 2000
MOS INTEGRATED CIRCUIT
µPD784224, 784225, 784224Y, 784225Y
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
The
µPD784224 and 784225 are products of the µPD784225 Subseries in the 78K/IV Series. Besides a high-
speed and high performance CPU, these controllers have ROM, RAM, I/O ports, 8-bit resolution A/D and D/A
converters, timers, serial interfaces, a real-time output port, interrupt functions, and various other peripheral
hardware.
The
µPD784224Y and 784225Y are based on the µPD784225 Subseries with the addition of a multimaster-
supporting I2C bus interface.
Flash memory versions, the
µPD78F4225 and 78F4225Y, which replace the internal ROM of the mask ROM
version with flash memory, and various development tools are also available.
The functions are explained in detail in the following user’s manuals. Be sure to read this manual when
designing your system.
µPD784225, 784225Y Subseries User’s Manual - Hardware : U12697E
78K/IV Series User’s Manual - Instruction
: U10905E
FEATURES
•I2C bus
• ROM correction
• Inherits peripheral functions of
µPD780058Y
Subseries
• Minimum instruction execution time
160 ns (main system clock fXX = 12.5 MHz)
61
µs (subsystem clock fXT = 32.768 kHz)
• I/O port: 67 pins
• Timer/counter: 16-bit timer/counter
× 1 unit
8-bit timer/counter
× 4 units
• Serial interface: 3 channels
UART/IOE (3-wire serial I/O): 2 channels
CSI (3-wire serial I/O, multi-master supporting I2C
busNote): 1 channel
Note
µPD784225Y Subseries only
• Standby function
HALT/STOP/IDLE mode
In power-saving mode: HALT/IDLE mode (with
subsystem clock)
• Clock division function
• Watch timer: 1 channel
• Watchdog timer: 1 channel
• Clock output function
fXX, fXX/2, fXX/22, fXX/23, fXX/24, fXX/25, fXX/26, fXX/27, fXT
selectable
• Buzzer output function
fXX/210, fXX/211, fXX/212, fXX/213 selectable
• A/D converter: 8-bit resolution
× 8 channels
• D/A converter: 8-bit resolution
× 2 channels
• Supply voltage: VDD = 1.8 to 5.5 V
Document No. U12376EJ1V0DS00 (1st edition)
Date Published May 2000 J CP(K)
Printed in Japan
APPLICATION FIELD
Car audio, portable audio, telephones, etc.
Unless contextually excluded, references in this document to
µPD784225 mean µPD784224, 784225, 784224Y,
and 784225Y.
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.


Similar Part No. - UPD784224GK

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784225 NEC-UPD784225 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225 NEC-UPD784225 Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225 NEC-UPD784225 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784225Y NEC-UPD784225Y Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225Y NEC-UPD784225Y Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD784224GK

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com