Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784216AY Datasheet(PDF) 10 Page - NEC

Part # UPD784216AY
Description  16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784216AY Datasheet(HTML) 10 Page - NEC

Back Button UPD784216AY Datasheet HTML 6Page - NEC UPD784216AY Datasheet HTML 7Page - NEC UPD784216AY Datasheet HTML 8Page - NEC UPD784216AY Datasheet HTML 9Page - NEC UPD784216AY Datasheet HTML 10Page - NEC UPD784216AY Datasheet HTML 11Page - NEC UPD784216AY Datasheet HTML 12Page - NEC UPD784216AY Datasheet HTML 13Page - NEC UPD784216AY Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Data Sheet U14121EJ2V0DS00
10
µµµµPD784214A,784215A,784216A,784217A,784218A,784214AY,784215AY,784216AY,784217AY,784218AY
3. PIN CONFIGURATION (TOP VIEW)
•••• 100-pin plastic LQFP (fine pitch) (14 ×××× 14 mm)
µµµµPD784214AGC-×××
×××
×××
×××-8EU,
µµµµPD784215AGC-×××
×××
×××
×××-8EU,
µµµµPD784216AGC-×××
×××
×××
×××-8EU,
µµµµPD784217AGC-×××
×××
×××
×××-8EU,
µµµµPD784218AGC-×××
×××
×××
×××-8EU,
µµµµPD784214AYGC-×××
×××
×××
×××-8EU,
µµµµPD784215AYGC-×××
×××
×××
×××-8EU,
µµµµPD784216AYGC-×××
×××
×××
×××-8EU,
µµµµPD784217AYGC-×××
×××
×××
×××-8EU,
µµµµPD784218AYGC-×××
×××
×××
×××-8EU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100
76
P120/RTP0
P121/RTP1
P122/RTP2
P123/RTP3
P124/RTP4
P125/RTP5
P126/RTP6
P127/RTP7
VDD
X2
X1
VSS
XT2
XT1
RESET
P00/INTP0
P01/INTP1
P02/INTP2/NMI
P03/INTP3
P04/INTP4
P05/INTP5
P06/INTP6
AVDDNote 2
AVREF0
P10/ANI0
P62/A18
P61/A17
P60/A16
VSS
P57/A15
P56/A14
P55/A13
P54/A12
P53/A11
P52/A10
P51/A9
P50/A8
P47/AD7
P46/AD6
P45/AD5
P44/AD4
P43/AD3
P42/AD2
P41/AD1
P40/AD0
P87/A7
P86/A6
P85/A5
P84/A4
P83/A3
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
26
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
Notes 1. Connect the TEST pin to VSS directly or via a pull-down resistor. For the pull-down connection, it is
recommended to use a resistor with a resistance ranging from 470
Ω to 10 kΩ.
2. Connect the AVDD pin to VDD.
3. Connect the AVSS pin to VSS.
4. The SCL0 and SDA0 pins are available in
µPD784216AY/784218AY Subseries products only.
5. The EXA pin is available in
µPD784218A, 784218AY Subseries products only.


Similar Part No. - UPD784216AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784216AY NEC-UPD784216AY Datasheet
349Kb / 60P
   MOS INTEGRATED CIRCUIT
UPD784216AY NEC-UPD784216AY Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784216AY NEC-UPD784216AY Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD784216AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com