Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW30LT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # BCW30LT1
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW30LT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  BCW30LT1 Datasheet HTML 1Page - Leshan Radio Company BCW30LT1 Datasheet HTML 2Page - Leshan Radio Company BCW30LT1 Datasheet HTML 3Page - Leshan Radio Company BCW30LT1 Datasheet HTML 4Page - Leshan Radio Company BCW30LT1 Datasheet HTML 5Page - Leshan Radio Company BCW30LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M7–4/6
TYPICAL STATIC CHARACTERISTICS
BCW29LT1 BCW30LT1
400
200
100
80
60
40
0.003 0.005
0.01 0.020.03
0.05 0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
100
I
C , COLLECTOR CURRENT (mA)
Figure 6. DC Current Gain
BCW29LT1
T
J = 125°C
25°C
– 55°C
V
CE= 1.0 V
V
CE= 10 V
I
B , BASE CURRENT (mA)
Figure 7. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Temperature Coefficients
V
CE , COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 8. Collector Characteristics
I
C , COLLECTOR CURRENT (mA)
Figure 9. “On” Voltages
θ
VB for V BE
∗ θ
VC for V CE(sat)
V
BE(on)@ V CE= 1.0 V
V
CE(sat) @ I C /I B = 10
V
BE(sat) @ I C /I B = 10
T
J=25°C
I
C= 1.0 mA
50 mA
100 mA
10 mA
*APPLIES for I
C / I B < h FE / 2
T A = 25°C
PULSE WIDTH =300 ms
DUTY CYCLE<2.0%
I
B= 400 mA
150
µA
200
µA
250
µA
350
µA
–55°C to 25°C
–55°C to 25°C
25°C to 125°C
25°C to 125°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.6
0.8
0
–0.8
–1.6
–2.4
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
0.8
0.6
0.4
0.2
0
0.002 0.0050.010.02
0.05 0.1 0.2
0.5 1.0 2.0
5.0
10
20
100
80
60
40
20
0
0
5.0
10
15
20
25
30
35
40
100
µA
50
µA
300
µA
T A= 25°C
BCW29LT1


Similar Part No. - BCW30LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW30LT1 MOTOROLA-BCW30LT1 Datasheet
451Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW30LT1D ONSEMI-BCW30LT1D Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW30LT1G ONSEMI-BCW30LT1G Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
More results

Similar Description - BCW30LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com