Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6230 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6230
Description  215MHz, Rail-to-Rail Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6230 Datasheet(HTML) 3 Page - Linear Technology

  LT6230_15 Datasheet HTML 1Page - Linear Technology LT6230_15 Datasheet HTML 2Page - Linear Technology LT6230_15 Datasheet HTML 3Page - Linear Technology LT6230_15 Datasheet HTML 4Page - Linear Technology LT6230_15 Datasheet HTML 5Page - Linear Technology LT6230_15 Datasheet HTML 6Page - Linear Technology LT6230_15 Datasheet HTML 7Page - Linear Technology LT6230_15 Datasheet HTML 8Page - Linear Technology LT6230_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
623012fc
LT6230/LT6230-10
LT6231/LT6232
elecTrical characTerisTics T
A = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6230CS6#PBF
LT6230CS6#TRPBF
LTAFJ
6-Lead Plastic TS0T-23
0°C to 70°C
LT6230IS6#PBF
LT6230IS6#TRPBF
LTAFJ
6-Lead Plastic TS0T-23
–40°C to 85°C
LT6230CS6-10#PBF
LT6230CS6-10#TRPBF
LTAFK
6-Lead Plastic TS0T-23
0°C to 70°C
LT6230IS6-10#PBF
LT6230IS6-10#TRPBF
LTAFK
6-Lead Plastic TS0T-23
–40°C to 85°C
LT6231CS8#PBF
LT6230CS8#TRPBF
6231
8-Lead Plastic SO
0°C to 70°C
LT6231IS8#PBF
LT6230IS8#TRPBF
6231I
8-Lead Plastic SO
–40°C to 85°C
LT6231CDD#PBF
LT6231CDD#TRPBF
LAEU
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT6231IDD#PBF
LT6231IDD#TRPBF
LAEU
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT6232CGN#PBF
LT6232CGN#TRPBF
6232
16-Lead Narrow Plastic SSOP
0°C to 70°C
LT6232IGN#PBF
LT6232IGN#TRPBF
6232I
16-Lead Narrow Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6230S6, LT6230S6-10
LT6231S8, LT6232GN
LT6231DD
100
50
75
500
350
450
µV
µV
µV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
100
600
µV
IB
Input Bias Current
5
10
µA
IB Match (Channel-to-Channel) (Note 6)
0.1
0.9
µA
IOS
Input Offset Current
0.1
0.6
µA
Input Noise Voltage
0.1Hz to 10Hz
180
nVP-P
en
Input Noise Voltage Density
f = 10kHz, VS = 5V
1.1
1.7
nV/√Hz
in
Input Noise Current Density, Balanced Source
Input Noise Current Density, Unbalanced Source
f = 10kHz, VS = 5V, RS = 10k
f = 10kHz, VS = 5V, RS = 10k
1
2.4
pA/√Hz
pA/√Hz
Input Resistance
Common Mode
Differential Mode
6.5
7.5
CIN
Input Capacitance
Common Mode
Differential Mode
2.9
7.7
pF
pF
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
105
21
5.4
200
40
9
V/mV
V/mV
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
VS = 3.3V, VO = 0.65V to 2.65V, RL = 1k to VS/2
90
16.5
175
32
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR, VS = 5V, 0V
Guaranteed by CMRR, VS = 3.3V, 0V
1.5
1.15
4
2.65
V
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
VS = 3.3V, VCM = 1.15V to 2.65V
90
90
115
115
dB
dB
CMRR Match (Channel-to-Channel) (Note 6)
VS = 5V, VCM = 1.5V to 4V
84
120
dB


Similar Part No. - LT6230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6230-10 LINER-LT6230-10 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
More results

Similar Description - LT6230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com