Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6221 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6221
Description  Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6221 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6221_15 Datasheet HTML 2Page - Linear Technology LT6221_15 Datasheet HTML 3Page - Linear Technology LT6221_15 Datasheet HTML 4Page - Linear Technology LT6221_15 Datasheet HTML 5Page - Linear Technology LT6221_15 Datasheet HTML 6Page - Linear Technology LT6221_15 Datasheet HTML 7Page - Linear Technology LT6221_15 Datasheet HTML 8Page - Linear Technology LT6221_15 Datasheet HTML 9Page - Linear Technology LT6221_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT6220/LT6221/LT6222
6
622012fc
For more information www.linear.com/LT6220/LT6221/LT6222
elecTrical characTerisTics
TA = 25°C, VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
VCM = –5V (DD Package)
VCM = –5V (S5 Package)
VCM = 5V
VCM = 5V (S5 Package)
80
150
200
0.7
0.7
500
750
900
2.5
3
µV
µV
µV
mV
mV
∆VOS
Input Offset Voltage Shift
VCM = –5V to 3.5V
70
675
µV
Input Offset Voltage Match (Channel-to-Channel)
(Note 9)
VCM = –5V
VCM = –5V (DD Package)
100
150
850
1300
µV
µV
IB
Input Bias Current
VCM = –4V
VCM = 5V
20
250
150
700
nA
nA
Input Bias Current Match (Channel-to-Channel)
VCM = –4V
VCM = 5V
15
20
175
250
nA
nA
IOS
Input Offset Current
VCM = –4V
VCM = 5V
15
15
100
100
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
0.5
µVP-P
en
Input Noise Voltage Density
f = 10kHz
10
nV/√Hz
in
Input Noise Current Density
f = 10kHz
0.8
pA/√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large Signal Voltage Gain
VOUT = –4V to 4V, RL = 1k
VOUT = –2V to 2V, RL = 100Ω
35
3.5
95
10
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3.5V
82
102
dB
CMRR Match (Channel-to-Channel)
77
100
dB
Input Common Mode Range
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V, VCM = 0V
84
105
dB
PSRR Match (Channel-to-Channel)
79
105
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
5
100
325
40
200
650
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
5
130
475
40
250
900
mV
mV
mV
ISC
Short-Circuit Current
25
50
mA
IS
Supply Current Per Amplifier
1
1.5
mA
GBW
Gain-Bandwidth Product
Frequency = 1MHz
60
MHz
SR
Slew Rate
AV = –1, RL = 1k, VOUT = ±4V,
Measure at VOUT = ±2V
20
V/µs
FPBW
Full Power Bandwidth
VOUT = 8VP-P
0.8
MHz
HD
Harmonic Distortion
AV = 1, RL= 1k, VOUT = 2VP-P, fC = 500kHz
–77.5
dBc
tS
Settling Time
0.01%, VSTEP = 5V, AV = 1, RL = 1k
375
ns
∆G
Differential Gain (NTSC)
AV = 2, RL = 1k
0.15
%
θ
Differential Phase (NTSC)
AV = 2, RL = 1k
0.6
Deg


Similar Part No. - LT6221_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6221CDD LINER-LT6221CDD Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
LT6221CS8 LINER-LT6221CS8 Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
LT6221IDD LINER-LT6221IDD Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
LT6221IS8 LINER-LT6221IS8 Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT6221_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6220 LINER-LT6220_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6222 LINER-LT6222_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6220 LINER-LT6220 Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
logo
Diodes Incorporated
APX393 DIODES-APX393 Datasheet
156Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
logo
Texas Instruments
LMC6681 TI1-LMC6681 Datasheet
793Kb / 26P
[Old version datasheet]   Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5611 INTERSIL-EL5611 Datasheet
251Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com